Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7206 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7206
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7206 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7206 Datasheet HTML 35Page - Renesas Technology Corp SH7206 Datasheet HTML 36Page - Renesas Technology Corp SH7206 Datasheet HTML 37Page - Renesas Technology Corp SH7206 Datasheet HTML 38Page - Renesas Technology Corp SH7206 Datasheet HTML 39Page - Renesas Technology Corp SH7206 Datasheet HTML 40Page - Renesas Technology Corp SH7206 Datasheet HTML 41Page - Renesas Technology Corp SH7206 Datasheet HTML 42Page - Renesas Technology Corp SH7206 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1188 page
background image
Section 1 Overview
Rev. 3.00 Jun. 18, 2008 Page 15 of 1160
REJ09B0191-0300
Classification
Symbol
I/O
Name
Function
PA25 to
PA16, PA13
to PA11, PA9
to PA0
I/O
General port
23-bit general input/output port pins.
PB9, PB5,
PB4
I/O
General port
3-bit general input/output port pins.
PB3, PB2
I
General port
2-bit general input port pins.
PC1, PC0
I/O
General port
2-bit general input/output port pins.
PD31 to PD8 I/O
General port
24-bit general input/output port pins.
PE15 to PE0 I/O
General port
16-bit general input/output port pins.
I/O ports
PF7 to PF0
I
General port
8-bit general input port pins.
TCK
I
Test clock
Test-clock input pin.
TMS
I
Test mode select Test-mode select signal input pin.
TDI
I
Test data input
Serial input pin for instructions and
data.
TDO
O
Test data
output
Serial output pin for instructions and
data.
High-performance
user debugging
interface
(H-UDI)
TRST
I
Test reset
Initialization-signal input pin.
AUDATA3 to
AUDATA0
O
AUD data
Branch source or destination
address output pins.
AUDCK
O
AUD clock
Sync-clock output pin.
AUDSYNC
O
AUD sync
signal
Data start-position acknowledge-
signal output pin.
ASEBRKAK O
Break mode
acknowledge
Indicates that the E10A-USB
emulator has entered its break
mode.
ASEBRK
I
Break request
E10A-USB emulator break input pin.
Emulator interface
ASEBCK
O
ASECK output
Outputs the trace clock of the E10A-
USB emulator.
User break
controller (UBC)
UBCTRG
O
User break
trigger output
Trigger output pin for UBC condition
match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com