Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR20AM-12LB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR20AM-12LB
Description  Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR20AM-12LB Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR20AM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR20AM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BCR20AM-12LB (The product guaranteed maximum junction temperature of 150
°C)
REJ03G0458-0300
Rev.3.00
Nov 30, 2007
Page 2 of 7
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
20
A
Commercial frequency, sine full wave
360° conduction, Tc = 134
°CNote3
Surge on-state current
ITSM
200
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
167
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction temperature
Tj
– 40 to +150
°C
Storage temperature
Tstg
– 40 to +150
°C
Mass
—
2.0
g
Typical value
Notes: 1. Gate open.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
—
—
2.0/3.0
mA
Tj = 125
°C/150°C, VDRM applied
On-state voltage
VTM
—
—
1.5
V
Tc = 25
°C, ITM = 30 A,
Instantaneous measurement
Ι
VFGTΙ
—
—
1.5
V
ΙΙ
VRGTΙ
—
—
1.5
V
Gate trigger voltage
Note2
ΙΙΙ
VRGTΙΙΙ
—
—
1.5
V
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Ω
Ι
IFGTΙ
—
—
30
Note6
mA
ΙΙ
IRGTΙ
—
—
30
Note6
mA
Gate trigger current
Note2
ΙΙΙ
IRGTΙΙΙ
—
—
30
Note6
mA
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Ω
Gate non-trigger voltage
VGD
0.2/0.1
—
—
V
Tj = 125
°C/150°C, VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
—
—
0.8
°C/W
Junction to case
Note3 Note4
Critical-rate of rise of off-state
commutating voltage
Note5
(dv/dt)c
10/1
—
—
V/
µs
Tj = 125
°C/150°C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured at the T2 tab 1.5 mm away from the molded case.
4. The contact thermal resistance Rth (c-f) in case of greasing is 1.0°C/W.
5. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
6. High sensitivity (IGT
≤ 20 mA) is also available. (IGT item: 1)
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
°C/150°C
2. Rate of decay of on-state commutating current
(di/dt)c = –10 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com