Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR30AM-12LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR30AM-12LB
Description  Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR30AM-12LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR30AM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR30AM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03G0472-0300
Rev.3.00
Nov 30, 2007
Page 1 of 7
BCR30AM-12LB
Triac
Medium Power Use
(The product guaranteed maximum junction temperature of 150
°C)
REJ03G0472-0300
Rev.3.00
Nov 30, 2007
Features
• I
T(RMS) : 30 A
• V
DRM : 600 V
• I
FGT I, IRGT I, IRGT III : 50 mA
• Non-Insulated Type
• Planar Passivation Type
Outline
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
1
2
3
4
RENESAS Package code: PRSS0004ZE-A
(Package name: TO-3P)
Applications
Contactless AC switch, electric heater control, light dimmer, on/off and speed control of small induction motor, on/off
control of copier lamp
Warning
1. Refer to the recommended circuit values around the triac before using.
2. Be sure to exchange the specification before using. Otherwise, general triacs with the maximum
junction temperature of 125°C will be supplied.
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR30AM-12LB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR30AM-12LB ISC-BCR30AM-12LB Datasheet
172Kb / 1P
isc Thyristors
logo
Renesas Technology Corp
BCR30AM-12LB RENESAS-BCR30AM-12LB_15 Datasheet
134Kb / 10P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
More results

Similar Description - BCR30AM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LA RENESAS-BCR10CS-12LA Datasheet
113Kb / 7P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CS-12LB RENESAS-BCR12CS-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AS-12B RENESAS-BCR5AS-12B Datasheet
132Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com