Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp R8C Datasheet HTML 48Page - Renesas Technology Corp R8C Datasheet HTML 49Page - Renesas Technology Corp R8C Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 36 of 180
REJ09B0019-0120
Interrupt factor
Vector addresses
Remarks
Reference
Address (L) to address (H)
Undefined instruction 0FFDC16 to 0FFDF16
Interrupt on UND instruction
R8C/Tiny series
Overflow
0FFE016 to 0FFE316
Interrupt on INTO instruction
software manual
BRK instruction
0FFE416 to 0FFE716
Address match
0FFE816 to 0FFEB16
10.4 Address match
interrupt
Single step(1)
0FFEC16 to 0FFEF16
Watchdog timer,
0FFF016 to 0FFF316
11.Watchdog timer,
oscillation stop
6. Clock generation
detection
circuit
(Reserved)
0FFF416 to 0FFF716
(Reserved)
0FFF816 to 0FFFB16
Reset
0FFFC16 to 0FFFF16
5. Reset
NOTES:
1. Do not normally use this interrupt because it is provided exclusively for use by development support tools.
Figure 10.2 Interrupt Vector
Mid address
Low address
0 0 0 0
High address
0 0 0 0
0 0 0 0
Vector address (L)
LSB
MSB
Vector address (H)
10.1.4 Interrupts and Interrupt Vector
One interrupt vector consists of 4 bytes. Set the start address of each interrupt routine in the respec-
tive interrupt vectors. When an interrupt request is accepted, the CPU branches to the address set in
the corresponding interrupt vector. Figure 10.2 shows the interrupt vector.
• Fixed Vector Tables
The fixed vector tables are allocated to the addresses from 0FFDC16 to 0FFFF16. Table 10.1
lists the fixed vector tables. In the flash memory version of microcomputer, the vector ad-
dresses (H) of fixed vectors are used by the ID code check function. For details, refer to Sec-
tion 17.3, “Functions to Prevent Flash Memory from Rewriting.”
Table 10.1 Fixed Vector Tables
If the contents of address
0FFE716 is FF16, program ex-
ecution starts from the address
shown by the vector in the
relocatable vector table.
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com