Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2G Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 67Page - Renesas Technology Corp R8C2G Datasheet HTML 68Page - Renesas Technology Corp R8C2G Datasheet HTML 69Page - Renesas Technology Corp R8C2G Datasheet HTML 70Page - Renesas Technology Corp R8C2G Datasheet HTML 71Page - Renesas Technology Corp R8C2G Datasheet HTML 72Page - Renesas Technology Corp R8C2G Datasheet HTML 73Page - Renesas Technology Corp R8C2G Datasheet HTML 74Page - Renesas Technology Corp R8C2G Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 344 page
background image
R8C/2G Group
7. Comparator
Rev.1.00
Apr 04, 2008
Page 51 of 318
REJ09B0387-0100
Figure 7.5
VW2C Register
Voltage Monitor 2 Circuit Control Register (1)
Symbol
Address
After Reset(2)
VW2C
0037h
00000010b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
b3 b2
[Source for setting this bit to 0]
0: Write 0
[Source for setting this bit to 0]
1: When interrupt request is generated
RW
b1 b0
b7 b6 b5 b4
0
VW2C0
RW
Comparator 2 interrupt enable bit(3) 0: Disable
1: Enable
0: Digital filter enabled mode
(digital filter circuit enabled)
1: Digital filter disabled mode
(digital filter circuit disabled)
RW
VW2C2
Comparator 2 interrupt
flag(2, 5, 6)
VW2C1
Comparator 2 digital filter disable
mode select bit(4)
VW2C3
WDT detection flag(2, 6)
VW2F1
RW
Sampling clock select bits
b5 b4
0 0: fOCO-S divided by 1
0 1: fOCO-S divided by 2
1 0: fOCO-S divided by 4
1 1: fOCO-S divided by 8
VW2F0
RW
0: Not detected
1: Detected
RW
VW2C6
Reserved bit
Set to 0.
RW
VW2C7
Comparator 2 interrupt generation
condition select bit(7)
0: When VCMP2 reaches reference
voltage or above
1: When VCMP2 reaches reference
voltage or below
RW
The VW2C2 is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (comparator 2 circuit enabled).
Set this bit to 0 by a program. When 0 is w ritten by a program, it is set to 0 (and remains unchanged even if 1 is
w ritten to it).
The VW2C7 bit is enabled w hen the VCAC2 bit in the VCAC register is set to 0 (one edge). Set the VW2C7 bit after
setting the VCAC2 bit to 0.
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the VW2C register.
When the VW2C register is rew ritten, the VW2C2 bit may be set to 1. Set the VW2C2 bit to 0 after rew riting the
VW2C register.
Bits VW2C2 and VW2C3 remain unchanged after a softw are reset or w atchdog timer reset.
The VW2C0 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (comparator 2 circuit enabled). Set
the VW2C0 bit to 0 (disable) w hen the VCA27 bit is set to 0 (comparator 2 circuit disabled).
To set the VW2C0 bit to 1 (enable), follow the procedure show n in Table 7.4 Procedure for Setting Bits
Associated w ith Com parator 2 Interrupt.
To use the comparator 2 interrupt to exit stop mode and to return again, w rite 1 to the VW2C1 bit after w riting 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com