Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2H Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 10Page - Renesas Technology Corp R8C2H Datasheet HTML 11Page - Renesas Technology Corp R8C2H Datasheet HTML 12Page - Renesas Technology Corp R8C2H Datasheet HTML 13Page - Renesas Technology Corp R8C2H Datasheet HTML 14Page - Renesas Technology Corp R8C2H Datasheet HTML 15Page - Renesas Technology Corp R8C2H Datasheet HTML 16Page - Renesas Technology Corp R8C2H Datasheet HTML 17Page - Renesas Technology Corp R8C2H Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 367 page
background image
B - 1
NOTES:
1.
The blank regions are reserved. Do not access locations in these
regions.
2.
This register is not implemented in the R8C/2J Group.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
91
0005h
Processor Mode Register 1
PM1
91
0006h
System Clock Control Register 0
CM0
96, 97
0007h
System Clock Control Register 1
CM1
98, 99
0008h
0009h
000Ah
Protect Register
PRCR
117
000Bh
000Ch
System Clock Select Register(2)
OCD
100
000Dh
Watchdog Timer Reset Register
WDTR
149
000Eh
Watchdog Timer Start Register
WDTS
149
000Fh
Watchdog Timer Control Register
WDC
150
0010h
Address Match Interrupt Register 0
RMAD0
137
0011h
0012h
0013h
Address Match Interrupt Enable Register
AIER
137
0014h
Address Match Interrupt Register 1
RMAD1
137
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
151
001Dh
001Eh
001Fh
0020h
High-Speed On-Chip Oscillator Control Register 0 HRA0
101
0021h
High-Speed On-Chip Oscillator Control Register 1 HRA1
101
0022h
High-Speed On-Chip Oscillator Control Register 2 HRA2
101
0023h
0024h
0025h
0026h
0027h
0028h
Clock Prescaler Reset Flag(2)
CPSRF
102
0029h
High-Speed On-Chip Oscillator Control Register 4 FRA4
102
002Ah
002Bh
High-Speed On-Chip Oscillator Control Register 6 FRA6
102
002Ch
002Dh
002Eh
BGR Trimming Auxiliary Register A
BGRTRMA
55
002Fh
BGR Trimming Auxiliary Register B
BGRTRMB
55
0030h
0031h
Voltage Detection Register 1
VCA1
42, 56
0032h
Voltage Detection Register 2
VCA2
42, 56,
103
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
44, 57
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
45, 58
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
43
0039h
003Ah
003Bh
Voltage Detection Circuit External Input Control
Register
VCAB
59
003Ch
Comparator Mode Register
ALCMR
59
003Dh
Voltage Monitor Circuit Edge Select Register
VCAC
46, 60
003Eh
BGR Control Register
BGRCR
60
003Fh
BGR Trimming Register
BGRTRM
61
Address
Register
Symbol
Page
0040h
0041h
Comparator 1 Interrupt Control Register
VCMP1IC
123
0042h
Comparator 2 Interrupt Control Register
VCMP2IC
123
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
Timer RE Interrupt Control Register(2)
TREIC
123
004Bh
UART2 Transmit Interrupt Control Register(2) S2TIC
123
004Ch
UART2 Receive Interrupt Control Register(2) S2RIC
123
004Dh
Key Input Interrupt Control Register
KUPIC
123
004Eh
004Fh
0050h
Compare 1 Interrupt Control Register
CMP1IC
123
0051h
UART0 Transmit Interrupt Control Register S0TIC
123
0052h
UART0 Receive Interrupt Control Register
S0RIC
123
0053h
0054h
0055h
0056h
Timer RA Interrupt Control Register
TRAIC
123
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
123
0059h
INT1 Interrupt Control Register
INT1IC
124
005Ah
005Bh
Timer RF Interrupt Control Register
TRFIC
123
005Ch
Compare 0 Interrupt Control Register
CMP0IC
123
005Dh
INT0 Interrupt Control Register
INT0IC
124
005Eh
005Fh
Capture Interrupt Control Register
CAPIC
123
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com