Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C80 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M32C80
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C80 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M32C80 Datasheet HTML 45Page - Renesas Technology Corp M32C80 Datasheet HTML 46Page - Renesas Technology Corp M32C80 Datasheet HTML 47Page - Renesas Technology Corp M32C80 Datasheet HTML 48Page - Renesas Technology Corp M32C80 Datasheet HTML 49Page - Renesas Technology Corp M32C80 Datasheet HTML 50Page - Renesas Technology Corp M32C80 Datasheet HTML 51Page - Renesas Technology Corp M32C80 Datasheet HTML 52Page - Renesas Technology Corp M32C80 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 352 page
background image
Page 30
0
3
3
f
o
5
0
0
2
,
1
0
.
v
o
N
0
0
.
1
.
v
e
R
0
0
1
0
-
1
7
2
0
B
9
0
J
E
R
5. Reset
p
u
o
r
G
0
8
/
C
2
3
M
5. Reset
Hardware reset 1, software reset, and watchdog timer reset are available to reset the microcomputer.
5.1 Hardware Reset 1
____________
Pins, the CPU and SFRs are reset by setting the RESET pin. If the supply voltage meets the recommended
___________
operating conditions, all pins are reset when a low-level ("L") signal is applied to the RESET pin (see Table
5.1). The oscillation circuit is also reset and the main clock starts oscillating. The CPU and SFR are reset
____________
when the signal applied to the RESET pin changes "L" to high level ("H"). The microcomputer executes the
program in an address indicated by the reset vector. The internal RAM is not reset. When an "L" signal is
____________
applied to the RESET pin while writing data to the internal RAM, the internal RAM is in an indeterminate
state.
Figure 5.1 shows an example of the reset circuit. Figure 5.2 shows a reset sequence. Table 5.1 lists pin
____________
states while the RESET pin is held "L".
5.1.1 Reset on a Stable Supply Voltage
____________
(1) Apply an "L" signal to the RESET pin
(2) Provide 20 or more clock cycle inputs into the XIN pin
____________
(3) Apply an "H" signal to the RESET pin
5.1.2 Power-on Reset
____________
(1) Apply an "L" signal to the RESET pin
(2) Raise the supply voltage to the recommended operating level
(3) Insert
td(P-R) ms as wait time for the internal voltage to stabilize
(4) Provide 20 or more clock cycle inputs into the XIN pin
____________
(5) Apply an "H" signal to the RESET pin
Figure 5.1 Reset Circuit
RESET
VCC1
RESET
VCC1
0V
0V
Recommended
operating voltage
0.2VCC1 or below
0.2VCC1
or below
NOTE:
1. If VCC1>VCC2, the VCC2 voltage must be lower than that of VCC1 when the power is
being turned on or off.
td(P-R) + 20 or more clock cycle
inputs provided into the XIN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com