| Electronic Components Datasheet Search |
|
R5F211B2SP Datasheet(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F211B2SP Datasheet(HTML) 97 Page - Renesas Technology Corp |
|
97 / 339 page ![]() R8C/1A Group, R8C/1B Group 12. Interrupts Rev.1.30 Dec 08, 2006 Page 81 of 315 REJ09B0252-0130 12.1.5 Interrupts and Interrupt Vectors There are 4 bytes in each vector. Set the starting address of an interrupt routine in each interrupt vector. When an interrupt request is acknowledged, the CPU branches to the address set in the corresponding interrupt vector. Figure 12.2 shows an Interrupt Vector. Figure 12.2 Interrupt Vector 12.1.5.1 Fixed Vector Tables The fixed vector tables are allocated addresses 0FFDCh to 0FFFFh. Table 12.1 lists the Fixed Vector Tables. The vector addresses (H) of fixed vectors are used by the ID code check function. For details, refer to 18.3 Functions to Prevent Rewriting of Flash Memory. NOTE: 1. Do not use these interrupts. They are for use by development support tools only. Table 12.1 Fixed Vector Tables Interrupt Source Vector Addresses Address (L) to (H) Remarks Reference Undefined instruction 0FFDCh to 0FFDFh Interrupt on UND instruction R8C/Tiny Series Software Manual Overflow 0FFE0h to 0FFE3h Interrupt on INTO instruction BRK instruction 0FFE4h to 0FFE7h If the content of address 0FFE7h is FFh, program execution starts from the address shown by the vector in the relocatable vector table. Address match 0FFE8h to 0FFEBh 12.4 Address Match Interrupt Single step(1) 0FFECh to 0FFEFh • Watchdog timer • Oscillation stop detection • Voltage monitor 2 0FFF0h to 0FFF3h • 13. Watchdog Timer • 10. Clock Generation Circuit • 7. Voltage Detection Circuit Address break(1) 0FFF4h to 0FFF7h (Reserved) 0FFF8h to 0FFFBh Reset 0FFFCh to 0FFFFh 6. Resets Vector address (L) Vector address (H) MSB LSB Low address Mid address High address 0 0 0 0 0 0 0 0 0 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |