Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145B Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD64F2145B
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145B Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD64F2145B Datasheet HTML 45Page - Renesas Technology Corp HD64F2145B Datasheet HTML 46Page - Renesas Technology Corp HD64F2145B Datasheet HTML 47Page - Renesas Technology Corp HD64F2145B Datasheet HTML 48Page - Renesas Technology Corp HD64F2145B Datasheet HTML 49Page - Renesas Technology Corp HD64F2145B Datasheet HTML 50Page - Renesas Technology Corp HD64F2145B Datasheet HTML 51Page - Renesas Technology Corp HD64F2145B Datasheet HTML 52Page - Renesas Technology Corp HD64F2145B Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page xlix of liv
Table 5.5
Interrupt Response Times....................................................................................... 112
Table 5.6
Number of States in Interrupt Handling Routine Execution Status........................ 112
Section 6 Bus Controller (BSC)
Table 6.1
Pin Configuration ................................................................................................... 123
Table 6.2
Bus Specifications for Basic Bus Interface ............................................................ 127
Table 6.3
Address Range for
IOS Signal Output ................................................................... 128
Table 6.4
Data Buses Used and Valid Strobes ....................................................................... 130
Table 6.5
Pin States in Idle Cycle .......................................................................................... 143
Section 7 Data Transfer Controller (DTC)
Table 7.1
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs ................ 154
Table 7.2
Register Functions in Normal Mode ...................................................................... 156
Table 7.3
Register Functions in Repeat Mode ....................................................................... 157
Table 7.4
Register Functions in Block Transfer Mode........................................................... 158
Table 7.5
DTC Execution Status ............................................................................................ 162
Table 7.6
Number of States Required for Each Execution Status .......................................... 162
Section 8 I/O Ports
Table 8.1
Port Functions of H8S/2140B, H8S/2141B, H8S/2145B, and H8S/2148B ........... 168
Table 8.2
Input Pull-Up MOS States (Port 1) ........................................................................ 174
Table 8.3
Input Pull-Up MOS States (Port 2) ........................................................................ 178
Table 8.4
Input Pull-Up MOS States (Port 3) ........................................................................ 181
Table 8.5
Input Pull-Up MOS States (Port 6) ........................................................................ 193
Table 8.6
Input Pull-Up MOS States (Port A)........................................................................ 210
Table 8.7
Input Pull-Up MOS States (Port B)........................................................................ 216
Table 8.8
H8S/2160B, H8S/2161B Additional Port Functions .............................................. 217
Table 8.9
Input Pull-Up MOS States (Port C and port D)...................................................... 222
Table 8.10
Input Pull-Up MOS States (Port E and port F)....................................................... 227
Section 9 8-Bit PWM Timer (PWM)
Table 9.1
Pin Configuration ................................................................................................... 233
Table 9.2
Internal Clock Selection ......................................................................................... 235
Table 9.3
Resolution, PWM Conversion Period and Carrier Frequency when
φ = 10 MHz . 236
Table 9.4
Duty Cycle of Basic Pulse...................................................................................... 239
Table 9.5
Position of Pulses Added to Basic Pulses............................................................... 240
Section 10 14-Bit PWM Timer (PWMX)
Table 10.1
Pin Configuration ................................................................................................... 244
Table 10.2
Read and Write Access Methods for 16-Bit Registers ........................................... 250
Table 10.3
Settings and Operation (Examples when
φ = 10 MHz).......................................... 252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com