Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW80NF55-06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW80NF55-06
Description  N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET™ II POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NF55-06 Datasheet(HTML) 1 Page - STMicroelectronics

  STW80NF55-06 Datasheet HTML 1Page - STMicroelectronics STW80NF55-06 Datasheet HTML 2Page - STMicroelectronics STW80NF55-06 Datasheet HTML 3Page - STMicroelectronics STW80NF55-06 Datasheet HTML 4Page - STMicroelectronics STW80NF55-06 Datasheet HTML 5Page - STMicroelectronics STW80NF55-06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
October 2001
STW80NF55-06
N-CHANNEL 55V - 0.005
Ω - 80A TO-247
STripFET™ II POWER MOSFET
(1) Starting Tj = 25°C, ID = 40A, VDD = 40V
(*) Current Limited by wire bonding
s
TYPICAL RDS(on) = 0.005Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature Size™"
strip-based process. The resulting transistor shows
extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less
critical alignment steps therefore
a remarkable
manufacturing reproducibility.
APPLICATIONS
s
DC-AC & DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW80NF55-06
55 V
< 0.0065
Ω
80 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
55
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
55
V
VGS
Gate- source Voltage
±20
V
ID (*)
Drain Current (continuos) at TC = 25°C
80
A
ID
Drain Current (continuos) at TC = 100°C
80
A
IDM (q)
Drain Current (pulsed)
320
A
PTOT
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
EAS (1)
Single Pulse Avalanche Energy
1
J
Tstg
Storage Temperature
– 55 to 175
°C
Tj
Max. Operating Junction Temperature
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW80NF55-06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW80NF55-06 ISC-STW80NF55-06 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW80NF55-06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET™ POWER MOSFET
Feb-2003
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
Jul-1999
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STV80NE03L-06 STMICROELECTRONICS-STV80NE03L-06 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET
May-2000
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET™ POWER MOSFET
Sep-2002
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
17-Aug-2006
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STW240NF55 STMICROELECTRONICS-STW240NF55 Datasheet
265Kb / 8P
N-CHANNEL 55V - 0.0027 ??- 120A TO-247 STripFET??II POWER MOSFET
May-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com