Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7619 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 24Page - Renesas Technology Corp SH7619 Datasheet HTML 25Page - Renesas Technology Corp SH7619 Datasheet HTML 26Page - Renesas Technology Corp SH7619 Datasheet HTML 27Page - Renesas Technology Corp SH7619 Datasheet HTML 28Page - Renesas Technology Corp SH7619 Datasheet HTML 29Page - Renesas Technology Corp SH7619 Datasheet HTML 30Page - Renesas Technology Corp SH7619 Datasheet HTML 31Page - Renesas Technology Corp SH7619 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 836 page
background image
Rev. 5.00 Mar. 15, 2007 Page xxviii of xxxviii
Figure 16.12 Example of Receive Operation in Slave Mode ..................................................... 486
Figure 16.13 Transmit and Receive Timing (8-Bit Monaural Data (1))..................................... 490
Figure 16.14 Transmit and Receive Timing (8-Bit Monaural Data (2))..................................... 490
Figure 16.15 Transmit and Receive Timing (16-Bit Monaural Data (1))................................... 491
Figure 16.16 Transmit and Receive Timing (16-Bit Stereo Data (1)) ........................................ 491
Figure 16.17 Transmit and Receive Timing (16-Bit Stereo Data (2)) ........................................ 492
Figure 16.18 Transmit and Receive Timing (16-Bit Stereo Data (3)) ........................................ 492
Figure 16.19 Transmit and Receive Timing (16-Bit Stereo Data (4)) ........................................ 493
Figure 16.20 Transmit and Receive Timing (16-Bit Stereo Data).............................................. 493
Figure 16.21 Example of Configuration in SPI Mode ................................................................ 494
Figure 16.22 SPI Data/Clock Timing 1 (CPHA = 0).................................................................. 496
Figure 16.23 SPI Data/Clock Timing 2 (CPHA = 1).................................................................. 497
Figure 16.24 SPI Transmission/Reception Operation
(Example of Full-Duplex Transmission/Reception by the CPU with
TDMAE = 0) ........................................................................................................ 498
Figure 16.25 SPI Transmission Operation
(Example of Half-Duplex Transmission by the CPU with TDMAE = 0)............. 499
Figure 16.26 SPI Transmission Operation
(Example of Half-Duplex Transmission by DMA with TDMAE = 1) ................. 500
Figure 16.27 SPI Reception Operation
(Example of Half-Duplex Reception by DMA with RDMAE = 1)...................... 501
Section 17 Host Interface (HIF)
Figure 17.1 Block Diagram of HIF............................................................................................. 504
Figure 17.2 HIF Connection Example........................................................................................ 506
Figure 17.3 Basic Timing for HIF Interface ............................................................................... 522
Figure 17.4 HIFIDX Write and HIFGSR Read .......................................................................... 523
Figure 17.5 HIF Register Settings .............................................................................................. 523
Figure 17.6 Consecutive Data Writing to HIFRAM................................................................... 524
Figure 17.7 Consecutive Data Reading from HIFRAM ............................................................. 525
Figure 17.8 HIFDREQ Timing (When DMD = 0 and DPOL = 0) ............................................. 526
Figure 17.9 HIFDREQ Timing (When DMD = 0 and DPOL = 1) ............................................. 526
Figure 17.10 HIFDREQ Timing (When DMD = 1 and DPOL = 0) ........................................... 527
Figure 17.11 HIFDREQ Timing (When DMD = 1 and DPOL = 1) ........................................... 527
Figure 17.12 Image of High-Impedance Control of HIF Pins by HIFEBL Pin .......................... 532
Section 19 I/O Ports
Figure 19.1 Port A ...................................................................................................................... 569
Figure 19.2 Port B ...................................................................................................................... 571
Figure 19.3 Port C ...................................................................................................................... 573
Figure 19.4 Port D ...................................................................................................................... 576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com