| Electronic Components Datasheet Search |
|
SH7672 Datasheet(PDF) 65 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7672 Datasheet(HTML) 65 Page - Renesas Technology Corp |
|
65 / 1292 page ![]() Section 2 CPU Rev. 1.00 Nov. 14, 2007 Page 39 of 1262 REJ09B0437-0100 (11) Absolute Address When data is accessed by an absolute address, the absolute address value should be placed in the memory table in advance. That value is transferred to the register by loading the immediate data during the execution of the instruction, and the data is accessed in register indirect addressing mode. With the SH-2A, when data is referenced using an absolute address not exceeding 28 bits, it is also possible to transfer immediate data located in the instruction code to a register and to reference the data in register indirect addressing mode. However, when referencing data using an absolute address of 21 to 28 bits, an OR instruction must be used after the data is transferred to a register. Table 2.6 Absolute Address Accessing Classification SH-2A CPU Example of Other CPU Up to 20 bits MOVI20 #H'12345,R1 MOV.B @R1,R0 MOV.B @H'12345,R0 21 to 28 bits MOVI20S #H'12345,R1 OR #H'67,R1 MOV.B @R1,R0 MOV.B @H'1234567,R0 29 bits or more MOV.L @(disp,PC),R1 MOV.B @R1,R0 .................. .DATA.L H'12345678 MOV.B @H'12345678,R0 (12) 16-Bit/32-Bit Displacement When data is accessed by 16-bit or 32-bit displacement, the displacement value should be placed in the memory table in advance. That value is transferred to the register by loading the immediate data during the execution of the instruction, and the data is accessed in the indexed indirect register addressing mode. Table 2.7 Displacement Accessing Classification SH-2A CPU Example of Other CPU 16-bit displacement MOV.W @(disp,PC),R0 MOV.W @(R0,R1),R2 .................. .DATA.W H'1234 MOV.W @(H'1234,R1),R2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |