Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA4989 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PCA4989
Description  Converter from 80-pin 0.65mm-pitch QFP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCA4989 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PCA4989 Datasheet HTML 1Page - Renesas Technology Corp PCA4989 Datasheet HTML 2Page - Renesas Technology Corp PCA4989 Datasheet HTML 3Page - Renesas Technology Corp PCA4989 Datasheet HTML 4Page - Renesas Technology Corp PCA4989 Datasheet HTML 5Page - Renesas Technology Corp PCA4989 Datasheet HTML 6Page - Renesas Technology Corp PCA4989 Datasheet HTML 7Page - Renesas Technology Corp PCA4989 Datasheet HTML 8Page - Renesas Technology Corp PCA4989 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
PCA4979
Converter from 80-pin 0.65mm-pitch QFP (80P6S-A) to 40-pin DIL Standard Pitch
Function
The PCA4979 is a board that converts an 80-pin 0.65mm-pitch
QFP (80P6S-A) to the standard pitch. Pin No. 1 corresponds to
pin No. 1.
Application
Use the PCA4979 as a test board to connect an 80P6S-A MCU
package to a standard pitch universal board. Since an 80P6S-A IC
socket (IC51-0804-711 made by Yamaichi Electronics Co., Ltd.)
is mounted on the PCA4979, it is easy to replace MCUs.
Dimensions
58.0(D)×62.0(W)×20.0(H)mm
(L)=50.8(2.54×20)mm
Pin Layout
[Ordering Information] See Appendix H "Ordering Information".
* Pins and other parts needed to connect the standard pitch converter are not included with the product.


Similar Part No. - PCA4989

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4906 RENESAS-PCA4906 Datasheet
134Kb / 1P
Converter for Connecting 42-pin RSS Emulator MCU to 32-pin 1.778mm-pitch SDIP
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
PCA4912 RENESAS-PCA4912 Datasheet
130Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.27mm-pitch SOP
PCA4913 RENESAS-PCA4913 Datasheet
172Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 44-pin 0.8mm-pitch QFP
PCA4933 RENESAS-PCA4933 Datasheet
132Kb / 1P
Converter for Connecting Emulator Probe to RFS Type Emulator MCU (for PC4701, compact emulator, and PC4600 systems)
More results

Similar Description - PCA4989

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4687A RENESAS-PCA4687A Datasheet
237Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
80P6 RENESAS-80P6 Datasheet
107Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
M3T-80LCC-QSD RENESAS-M3T-80LCC-QSD Datasheet
150Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
M3T-100LCC-80QSB RENESAS-M3T-100LCC-80QSB Datasheet
307Kb / 1P
Converter from 100-pin 0.65mm-pitch LCC to 80-pin 0.65mm-pitch QFP(for M16C/60 Series)
M3T-DIRECT100S RENESAS-M3T-DIRECT100S Datasheet
108Kb / 1P
Direct Dummy IC for 100-pin 0.65mm-pitch QFP
M3T-FLX-80QSB RENESAS-M3T-FLX-80QSB Datasheet
259Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 80-pin 0.65mm-pitch QFP
M3T-FLX-100NRB RENESAS-M3T-FLX-100NRB Datasheet
112Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch QFP
M3062PT-80FPB RENESAS-M3062PT-80FPB Datasheet
145Kb / 1P
Converter Board for Connecting 160-core Flexible Board FLX160 to 80-pin 0.65mm-pitch QFP (for M16C/60 Series)
PCA4688A RENESAS-PCA4688A Datasheet
348Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch QFP to 80-pin 0.8mm-pitch LCC
logo
Pomona Electronics
5751L POMONA-5751L Datasheet
43Kb / 1P
80 Pin QFP Locking Test Clip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com