Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804ZCF Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804ZCF Datasheet(HTML) 2 Page - Texas Instruments

  AFE5804ZCF Datasheet HTML 1Page - Texas Instruments AFE5804ZCF Datasheet HTML 2Page - Texas Instruments AFE5804ZCF Datasheet HTML 3Page - Texas Instruments AFE5804ZCF Datasheet HTML 4Page - Texas Instruments AFE5804ZCF Datasheet HTML 5Page - Texas Instruments AFE5804ZCF Datasheet HTML 6Page - Texas Instruments AFE5804ZCF Datasheet HTML 7Page - Texas Instruments AFE5804ZCF Datasheet HTML 8Page - Texas Instruments AFE5804ZCF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
AFE5804
SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)(2)
OPERATING
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
NUMBER
MEDIA, QUANTITY
ECO STATUS
AFE5804ZCFR
Tape and Reel, 1000
AFE5804
µFBGA-135
ZCF
0°C to +85°C
AFE5804ZCFT
Tape and Reel, 250
Pb-Free, Green
AFE5804ZCF
Tray, 160
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material content
can be accessed at www.ti.com/leadfree.
GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1%of total product weight. N/A: Not yet available Lead (Pb)-Free; for estimated conversion
dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean RoHS compatible, including a lead concentration that
does not exceed 0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering
processes.
Over operating free-air temperature range, unless otherwise noted.
AFE5804
UNIT
Supply voltage range, AVDD1
–0.3 to +3.9
V
Supply voltage range, AVDD2
–0.3 to +3.9
V
Supply voltage range, AVDD_5V
–0.3 to +6
V
Supply voltage range, DVDD
–0.3 to +3.9
V
Supply voltage range, LVDD
–0.3 to +2.2
V
Voltage between AVSS1 and LVSS
–0.3 to +0.3
V
Voltage at analog inputs
–0.3 to minimum [3.6, (AVDD2 + 0.3)]
V
External voltage applied to REFT-pin
–0.3 to +3
V
External voltage applied to REFB-pin
–0.3 to +2
V
Voltage at digital inputs
–0.3 to minimum [3.9, (AVDD2 + 0.3)]
V
Peak solder temperature(2)
+260
°C
Maximum junction temperature, TJ
+125
°C
Storage temperature range
–55 to +150
°C
Operating temperature range
0 to +85
°C
HBM
2000
V
ESD ratings
CDM
750
V
MM
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Device complies with JSTD-020D.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com