Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8NA60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW8NA60
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8NA60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW8NA60 Datasheet HTML 1Page - STMicroelectronics STW8NA60 Datasheet HTML 2Page - STMicroelectronics STW8NA60 Datasheet HTML 3Page - STMicroelectronics STW8NA60 Datasheet HTML 4Page - STMicroelectronics STW8NA60 Datasheet HTML 5Page - STMicroelectronics STW8NA60 Datasheet HTML 6Page - STMicroelectronics STW8NA60 Datasheet HTML 7Page - STMicroelectronics STW8NA60 Datasheet HTML 8Page - STMicroelectronics STW8NA60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STW8NA60
STH8NA60FI
N - CHANNEL ENHANCEMENT MODE
FAST POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 0.92
Ω
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Unit
ST W8NA60
STH8NA60FI
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
600
V
VGS
G ate-source Volt age
± 30
V
ID
Drain Current (continuous) at Tc =25
oC8
5
A
ID
Drain Current (continuous) at Tc =100
oC5.1
3.2
A
IDM (
•)
Drain Current (pulsed)
32
32
A
Ptot
T otal Dissipat ion at Tc =25
oC
150
60
W
Derating Factor
1.2
0. 48
W /
oC
VISO
I nsulation W ithstand Voltage (DC)
4000
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW 8NA60
STH8NA60F I
600 V
600 V
< 1
Ω
< 1
Ω
8A
5A
October 1998
TO-247
ISOWATT218
1
2
3
1
2
3
1/10


Similar Part No. - STW8NA60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW8NA60 ISC-STW8NA60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW8NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Jan-1998
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov 1996
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1997
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com