Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201HSDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG201HSDY
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HSDY Datasheet(HTML) 1 Page - Vishay Siliconix

  DG201HSDY Datasheet HTML 1Page - Vishay Siliconix DG201HSDY Datasheet HTML 2Page - Vishay Siliconix DG201HSDY Datasheet HTML 3Page - Vishay Siliconix DG201HSDY Datasheet HTML 4Page - Vishay Siliconix DG201HSDY Datasheet HTML 5Page - Vishay Siliconix DG201HSDY Datasheet HTML 6Page - Vishay Siliconix DG201HSDY Datasheet HTML 7Page - Vishay Siliconix DG201HSDY Datasheet HTML 8Page - Vishay Siliconix DG201HSDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
DG201HS
Document Number: 70038
S-71241–Rev. G, 25-Jun-07
www.vishay.com
1
High-Speed Quad SPST CMOS Analog Switch
FEATURES
•
Fast Switching-tON: 38 ns
•
Low On-Resistance: 25
Ω
•
Low Leakage: 100 pA
•
Low Charge Injection
•
TTL/CMOS Logic Compatible
•
Single Supply Compatibility
•
High Current Rating: - 30 mA
BENEFITS
•
Faster Throughput
•
Higher Accuracy
•
Reduced Pedestal Error
•
Upgrades Existing Designs
•
Simple Interfacing
•
Replaces HI201HS, ADG201HS
•
Space Savings (TSSOP)
APPLICATIONS
•
Data Acquisition
•
Hi-Rel Systems
•
Sample-and-Hold Circuits
•
Communication Systems
•
Automatic Test Equipment
•
Integrator Reset Circuits
•
Choppers
•
Gain Switching
•
Avionics
DESCRIPTION
The DG201HS is an improved monolithic device containing
four independent analog switches. It is designed to provide
high speed, low error switching of analog signals. Combining
low on-resistance (25
Ω) with high speed (t
ON: 38 ns), the
DG201HS is ideally suited for high speed data acquisition
requirements.
To achieve high voltage ratings and superior switching
performance, the DG201HS is built on a proprietary
high-voltage
silicon-gate
process.
An
epitaxial
layer
prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks input voltages to the supply values, when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
Top View
S1
S2
V-
V+
NC
NC
GND
NC
S4
S3
LCC
NC
IN3
D3
D4
IN4
NC
IN2
D2
D1
IN1
Key
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
Dual-In-Line, SOIC and TSSOP
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
TRUTH TABLE
Logic
Switch
0
ON
1OFF
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG201HSDY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG201HSDY TEMIC-DG201HSDY Datasheet
107Kb / 8P
High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HSDY VISHAY-DG201HSDY Datasheet
109Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
06-Sep-99
More results

Similar Description - DG201HSDY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
July 1999
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Intersil Corporation
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
High-Speed Quad Monolithic SPST CMOS Analog Switch
23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
06-Sep-99
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com