Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2011 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2011
Description  Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2011 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2011_08 Datasheet HTML 1Page - Vishay Siliconix DG2011_08 Datasheet HTML 2Page - Vishay Siliconix DG2011_08 Datasheet HTML 3Page - Vishay Siliconix DG2011_08 Datasheet HTML 4Page - Vishay Siliconix DG2011_08 Datasheet HTML 5Page - Vishay Siliconix DG2011_08 Datasheet HTML 6Page - Vishay Siliconix DG2011_08 Datasheet HTML 7Page - Vishay Siliconix DG2011_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 70102
S-60004–Rev. F, 16-Jan-06
Vishay Siliconix
DG2011
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 2.15 mW/°C above 70 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Reference V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3 V)
Continuous Current (NO, NC, COM pins)
± 150
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 300
Storage Temperature
D Suffix
- 65 to 150
°C
Power Dissipation (Packages)b
SC-89c
172
mW
SPECIFICATIONS (V+ = 2.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.0 V, VIN = 0.4 V or 1.6 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.0 V, VCOM = 0.2 V/0.9 V
INO, INC = 20 mA
Room
Full
3.5
5.5
5.5
Ω
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 2.2 V,
VNO, VNC= 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
Room
Full
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
1
10
Channel-On Leakage Currentf
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
Room
Full
- 1
- 10
1
10
Digital Control
Input High Voltage
VINH
Full
1.5
V
Input Low Voltage
VINL
Full
0.4
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V, RL = 300 Ω, CL = 35 pF
Room
Full
75
110
113
ns
Turn-Off Time
tOFF
Room
Full
37
71
76
Break-Before-Make Time
tBBM
Room
137
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
7
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 62
dB
Crosstalkd
XTALK
Room
- 69
NO, NC Off Capacitance
d
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
29
pF
Channel-On Capacitanced
CON
Room
85
Power Supply
Positive Supply Range
V+
VIN = 0 or V+
1.8
5.5
V
Negative Supply Current
I+
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com