Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2016 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2016
Description  High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2016 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2016 Datasheet HTML 1Page - Vishay Siliconix DG2016 Datasheet HTML 2Page - Vishay Siliconix DG2016 Datasheet HTML 3Page - Vishay Siliconix DG2016 Datasheet HTML 4Page - Vishay Siliconix DG2016 Datasheet HTML 5Page - Vishay Siliconix DG2016 Datasheet HTML 6Page - Vishay Siliconix DG2016 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 72030
S-71009-Rev. C, 14-May-07
www.vishay.com
5
Vishay Siliconix
DG2016/DG2026
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
TEST CIRCUITS
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
0
10
20
30
40
50
60
- 60
- 40
- 20
0
20
40
60
80
100
RL = 50 Ω
tON V+ = 5 V
tOFF V+ = 5 V
tOFF V+ = 3 V
Temperature (°C)
tON V+ = 3 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
34
567
V+ - Supply Voltage (V)
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
100 K
- 90
10 M
10
- 70
- 50
100 M
1 G
1 M
Frequency (Hz)
- 30
- 10
LOSS
OIRR
XTALK
V+ = 5 V
RL = 50 Ω
- 80
- 60
- 40
- 20
0
20
40
60
80
0
1234
5
VCOM - Analog Voltage (V)
V+ = 5 V
V+ = 3 V
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
50
Ω
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL
V
OUT =VCOM
R
L
R
L +RON



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com