Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2721 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2721
Description  500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2721 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2721 Datasheet HTML 1Page - Vishay Siliconix DG2721 Datasheet HTML 2Page - Vishay Siliconix DG2721 Datasheet HTML 3Page - Vishay Siliconix DG2721 Datasheet HTML 4Page - Vishay Siliconix DG2721 Datasheet HTML 5Page - Vishay Siliconix DG2721 Datasheet HTML 6Page - Vishay Siliconix DG2721 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 69950
S-81509-Rev. D, 30-Jun-08
Vishay Siliconix
DG2721
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
On-Resistance vs. VD and Single Supply Voltage
On-Resistance vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
VD - Analog Voltage (V)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V+ = 3.6 V
V+ = 4.3 V
T = 25 °C
ION = 8 mA
COM1/2
V+ = 3.0 V
V+ = 2.6 V
VD - Analog Voltage (V)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V+ = 3.6 V, ION = 8 mA
+ 85 °C
+ 25 °C
- 40 °C
Input Switching Frequency (Hz)
10
10M
100K
10K
1K
100
1M
V+ = 2.6 V
V+ = 3.0 V
V+ = 4.3 V
V+ = 3.6 V
100 pA
1 nA
10 nA
100 nA
1 µA
10 µA
100 µA
1 mA
10 mA
On-Resistance vs. Analog Voltage and Temperature
On-Resistance vs. Analog Voltage and Temperature
Leakage Current vs. Temperature
VD - Analog Voltage (V)
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
V+ = 3.0 V, ION = 8 mA
+ 85 °C
+ 25 °C
- 40 °C
VD - Analog Voltage (V)
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
V+ = 2.6 V, ION = 8 mA
+ 85 °C
+ 25 °C
- 40 °C
Temperature (°C)
1
10
100
1000
10000
- 60 - 40 - 20
0
20
40
60
80
100
120
140
V+ = 4.3 V
ICOM(on)
ICOM(off)
INO/NC(off)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com