Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX/1657 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H8SX/1657
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  892 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1657 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H8SX/1657 Datasheet HTML 35Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 36Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 37Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 38Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 39Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 40Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 41Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 42Page - Renesas Technology Corp H8SX/1657 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 892 page
background image
Section 1 Overview
Rev. 2.00 Jun. 28, 2007 Page 15 of 864
REJ09B0341-0200
Classification
Pin Name
I/O
Description
A/D converter
AN7 to AN0
Input
Input pins for the analog signals to be processed by the A/D
converter.
ADTRG0
Input
Input pin for the external trigger signal that starts A/D
conversion.
D/A converter
DA1, DA0
Output
Output pins for the analog signals from the D/A converter.
A/D converter,
D/A converter
AV
CC
Input
Analog power supply pin for the A/D and D/A converters.
When the A/D and D/A converters are not in use, connect
this pin to the system power supply.
AV
SS
Input
Ground pin for the A/D and D/A converters. Connect this pin
to the system power supply (0 V).
Vref
Input
Reference power supply pin for the A/D and D/A converters.
When the A/D and D/A converters are not in use, connect
this pin to the system power supply.
I/O ports
P17 to P10
Input/
output
8-bit input/output pins.
P27 to P20
Input/
output
8-bit input/output pins.
P37 to P30
Input/
output
8-bit input/output pins.
P57 to P50
Input
8-bit input/output pins.
P65 to P60
Input/
output
6-bit input/output pins.
PA7
Input
Input-only pin.
PA6 to PA0
Input/
output
7-bit input/output pins.
PB3 to PB0
Input/
output
4-bit input/output pins.
PD7 to PD0
Input/
output
8-bit input/output pins.
PE7 to PE0
Input/
output
8-bit input/output pins.
PF7 to PF0
Input/
output
8-bit input/output pins.
PH7 to PH0
Input/
output
8-bit input/output pins.
PI7 to PI0
Input/
output
8-bit input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com