Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16C/29 Datasheet(PDF) 386 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 382Page - Renesas Technology Corp M16C/29 Datasheet HTML 383Page - Renesas Technology Corp M16C/29 Datasheet HTML 384Page - Renesas Technology Corp M16C/29 Datasheet HTML 385Page - Renesas Technology Corp M16C/29 Datasheet HTML 386Page - Renesas Technology Corp M16C/29 Datasheet HTML 387Page - Renesas Technology Corp M16C/29 Datasheet HTML 388Page - Renesas Technology Corp M16C/29 Datasheet HTML 389Page - Renesas Technology Corp M16C/29 Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 362
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Pin
Description
VCC,VSS
Apply the voltage guaranteed for Program and Erase to Vcc pin and 0
V to Vss pin.
CNVSS
Connect to Vcc pin.
RESET
XIN
Connect a ceramic resonator or crystal oscillator between XIN and
XOUT pins. To input an externally generated clock, input it to XIN pin
and open XOUT pin.
XOUT
AVCC, AVSS
VREF
Connect AVss to Vss and AVcc to Vcc, respectively.
Enter the reference voltage for AD from this pin.
P00 to P07
Input "H" or "L" level signal or leave open.
P10 to P15, P17
Input "H" or "L" level signal or leave open.
P30 to P37
Input "H" or "L" level signal or leave open.
P60 to P64, P66
Input "H" or "L" level signal or leave open.
P65
P67
Input "H" level signal.
P70 to P77
Input "H" or "L" level signal or leave open.
P80 to P84,
P87
Input "H" or "L" level signal or leave open.
P90 to P91,
P95 to P97
Input "H" or "L" level signal or leave open.
P100 to P107
Input "H" or "L" level signal or leave open.
Name
Power input
CNVSS
Reset input
Clock input
Clock output
Analog power supply input
Reference voltage input
Input port P0
Input port P1
Input port P3
Input port P6
SCLK input
TxD output
Input port P7
Input port P8
Input port P9
Input port P10
I/O
I
I
I
O
I
I
I
I
I
I
O
I
I
I
I
P85
RP input
I
Connect this pin to Vss while RESET is low. (Note 1)
Input "L" level signal.
Reset input pin. While RESET pin is "L" level, wait for td(ROC).
P20 to P27
Input port P2
Input "H" or "L" level signal or leave open.
I
P86
CE input
I
Connect this pin to Vcc while RESET is low. (Note 1)
P92
Connect this pin to a CAN transceiver.
P93
Connect this pin to a CAN transceiver.
CRX input
CTX output
I
O
Connect this pin to Vcc while RESET is low. (Note 1)
P16
Input port P1
I
Table 20.9 Pin Functions for CAN I/O Mode
NOTE:
1. Set following either or both.
_____
•Connect the CE pin to VCC.
_____
•Connect the RP pin to VSS and the P16 pin to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com