Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H83008 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H83008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83008 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H83008 Datasheet HTML 82Page - Renesas Technology Corp H83008 Datasheet HTML 83Page - Renesas Technology Corp H83008 Datasheet HTML 84Page - Renesas Technology Corp H83008 Datasheet HTML 85Page - Renesas Technology Corp H83008 Datasheet HTML 86Page - Renesas Technology Corp H83008 Datasheet HTML 87Page - Renesas Technology Corp H83008 Datasheet HTML 88Page - Renesas Technology Corp H83008 Datasheet HTML 89Page - Renesas Technology Corp H83008 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 42 of 638
REJ09B0395-0400
Register Indirect with Post-Increment or Pre-Decrement—@ERn+ or @–ERn:
• Register indirect with post-increment—@ERn+
The register field of the instruction code specifies an address register (ERn) the lower 24 bits
of which contain the address of a memory operand. After the operand is accessed, 1, 2, or 4 is
added to the address register contents (32 bits) and the sum is stored in the address register.
The value added is 1 for byte access, 2 for word access, or 4 for longword access. For word or
longword access, the register value should be even.
• Register indirect with pre-decrement—@–ERn
The value 1, 2, or 4 is subtracted from an address register (ERn) specified by the register field
in the instruction code, and the lower 24 bits of the result become the address of a memory
operand. The result is also stored in the address register. The value subtracted is 1 for byte
access, 2 for word access, or 4 for longword access. For word or longword access, the resulting
register value should be even.
Absolute Address—@aa:8, @aa:16, or @aa:24: The instruction code contains the absolute
address of a memory operand. The absolute address may be 8 bits long (@aa:8), 16 bits long
(@aa:16), or 24 bits long (@aa:24). For an 8-bit absolute address, the upper 16 bits are all
assumed to be 1 (H'FFFF). For a 16-bit absolute address the upper 8 bits are a sign extension. A
24-bit absolute address can access the entire address space. Table 2.12 indicates the accessible
address ranges.
Table 2.12
Absolute Address Access Ranges
Absolute
Address
1-Mbyte Modes
16-Mbyte Modes
8 bits (@aa:8)
H'FFF00 to H'FFFFF
(1048320 to 1048575)
H'FFFF00 to H'FFFFFF
(16776960 to 16777215)
16 bits (@aa:16)
H'00000 to H'07FFF,
H'F8000 to H'FFFFF
(0 to 32767, 1015808 to 1048575)
H'000000 to H'007FFF,
H'FF8000 to H'FFFFFF
(0 to 32767, 16744448 to 16777215)
24 bits (@aa:24)
H'00000 to H'FFFFF
(0 to 1048575)
H'000000 to H'FFFFFF
(0 to 16777215)
Immediate—#xx:8, #xx:16, or #xx:32: The instruction code contains 8-bit (#xx:8), 16-bit
(#xx:16), or 32-bit (#xx:32) immediate data as an operand.
The instruction codes of the ADDS, SUBS, INC, and DEC instructions contain immediate data
implicitly. The instruction codes of some bit manipulation instructions contain 3-bit immediate
data specifying a bit number. The TRAPA instruction code contains 2-bit immediate data
specifying a vector address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com