Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38K0 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 45Page - Renesas Technology Corp 38K0 Datasheet HTML 46Page - Renesas Technology Corp 38K0 Datasheet HTML 47Page - Renesas Technology Corp 38K0 Datasheet HTML 48Page - Renesas Technology Corp 38K0 Datasheet HTML 49Page - Renesas Technology Corp 38K0 Datasheet HTML 50Page - Renesas Technology Corp 38K0 Datasheet HTML 51Page - Renesas Technology Corp 38K0 Datasheet HTML 52Page - Renesas Technology Corp 38K0 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 32 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
USB Register List
The USB register list is shown below.
001016
001116
001216
001316
001416
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
0FEC16
0FED16
USB control register
USB function enable register
USB function address register
Frame number register Low
Frame number register High
USB interrupt source enable register
USB interrupt source register
Endpoint index register
Endpoint field register 1
Endpoint field register 2
Endpoint field register 3
Endpoint field register 4
Endpoint field register 5
Endpoint field register 6
Endpoint field register 7
Endpoint field register 8
Endpoint field register 9
USBCON
USBAE
USBA0
FNUML
FNUMH
USBICON
USBIREQ
USBINDEX
EPXXREG1
EPXXREG2
EPXXREG3
EPXXREG4
EPXXREG5
EPXXREG6
EPXXREG7
EPXXREG8
EPXXREG9
USBE
UCLKCON
USBDIFE
VREFE
VREFCON
TRONE
TRONCON
WKUP
SYMBOL
Address
Register Name
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
AD0E
USBADD0[6:0]
FNUM[7:0]
FNUM[10:8]
RSME
SUSE
EP03E
EP02E
EP01E
EP00E
RSM
SUS
EP03
EP02
EP01
EP00
001916
001A16
001B16
001C16
001D16
001E16
001F16
0FEC16
0FED16
(1) Endpoint 00
(2) Endpoint 01
(3) Endpoint 02
(4) Endpoint 03
EP00STG
EP00CON1
EP00CON2
EP00CON3
EP00REQ
EP00BYT
EP00BUF
SETUP00
EP00 stage register
EP00 control register 1
EP00 control register 2
EP00 control register 3
EP00 interrupt source register
EP00 byte number register
EP00 buffer area set register
BVAL00
CTENDE00
ERR00
BSRDY00
CTSTS00
CTEND00
BRDY00
BBYT00[3:0]
001916
001A16
001B16
001C16
001D16
001E16
001F16
0FEC16
0FED16
EP01 set register
EP01 control register 1
EP01 control register 2
EP01 control register 3
EP01 interrupt source register
EP01 byte number register 0
EP01 byte number register 1
EP01 MAX. packet size register
EP01 buffer area set register
EP01CFG
EP01CON1
EP01CON2
EP01CON3
EP01REQ
EP01BYT0
EP01BYT1
EP01MAX
EP01BUF
TYP01[1:0]
DIR01
ITMD01
SQCL01
DBLB01
BSIZ01[1:0]
B0VAL01
B1VAL01
ERR01
B1RDY01
B0RDY01
B0BYT01[6:0]
B1BYT01[6:0]
MXPS01[6:0]
001916
001A16
001B16
001C16
001D16
001E16
001F16
0FEC16
0FED16
EP02CFG
EP02CON1
EP02CON2
EP02CON3
EP02REQ
EP02BYT0
EP02BYT1
EP02MAX
EP02BUF
TYP02[1:0]
DIR02
ITMD02
SQCL02
DBLB02
BSIZ02[1:0]
B0VAL02
B1VAL02
ERR02
B1RDY02
B0RDY02
B0BYT02[6:0]
B1BYT02[6:0]
MXPS02[6:0]
001916
001A16
001B16
001C16
001D16
001E16
001F16
0FEC16
0FED16
EP03 set register
EP03 control register 1
EP03 control register 2
EP03 control register 3
EP03 interrupt source register
EP03 byte number register 0
EP03 byte number register 1
EP03 MAX. packet size register
EP03 buffer area set register
EP02 set register
EP02 control register 1
EP02 control register 2
EP02 control register 3
EP02 interrupt source register
EP02 byte number register 0
EP02 byte number register 1
EP02 MAX. packet size register
EP02 buffer area set register
EP03CFG
EP03CON1
EP03CON2
EP03CON3
EP03REQ
EP03BYT0
EP03BYT1
EP03MAX
EP03BUF
TYP03[1:0]
DIR03
ITMD03
SQCL03
DBLB03
BSIZ03[1:0]
B0VAL03
B1VAL03
ERR03
B1RDY03
B0RDY03
B0BYT03[6:0]
B1BYT03[6:0]
MXPS03[6:0]
: Not used
USB SFR
PID00[1:0]
BADD02[4:0]
BADD01[4:0]
PID01[1:0]
PID02[1:0]
BADD03[4:0]
PID03[1:0]
EPIDX[1:0]
BADD00[4:0]
Fig. 30 USB related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com