| Electronic Components Datasheet Search |
|
R5F36406DFB Datasheet(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F36406DFB Datasheet(HTML) 77 Page - Renesas Technology Corp |
|
77 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 56 of 373 Under development Preliminary Specification Specification in this preliminary version is subject to change. M16C/64 Group 8. Bus Figure 8.2 Examples of Address Bus and CSi Signal Output in 1-Mbyte Mode Example 1 To access the external area indicated by CSj in the next cycle after accessing the external area indicated by CSi The address bus and chip select signal both change state between these two cycles. NOTE : 1. These examples show the address bus and chip select signal when accessing areas in two successive cycles. The chip select bus cycle may be extended more than two cycles depending on a combination of these examples. BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi Access to the external area indicated by CSj Address Data CSj Data Example 2 To access the internal ROM or internal RAM in the next cycle after accessing the external area indicated by CSi The chip select signal changes state but the address bus does not change state BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi Access to the internal ROM or internal RAM Address Data Example 3 To access the external area indicated by CSi in the next cycle after accessing the external area indicated by the same CSi The address bus changes state but the chip select signal does not change state BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi Access to the same external area Address Data Data Example 4 Not to access any area (nor instruction prefetch generated) in the next cycle after accessing the external area indicated by CSi Neither the address bus nor the chip select signal changes state between these two cycles BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi No access Address Data Address Address Shown above is the case where separate bus is selected and the area is accessed for read without wait states. i = 0 to 3, j = 0 to 3 (not including i, however) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |