Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30291FATHP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M30291FATHP
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30291FATHP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M30291FATHP Datasheet HTML 73Page - Renesas Technology Corp M30291FATHP Datasheet HTML 74Page - Renesas Technology Corp M30291FATHP Datasheet HTML 75Page - Renesas Technology Corp M30291FATHP Datasheet HTML 76Page - Renesas Technology Corp M30291FATHP Datasheet HTML 77Page - Renesas Technology Corp M30291FATHP Datasheet HTML 78Page - Renesas Technology Corp M30291FATHP Datasheet HTML 79Page - Renesas Technology Corp M30291FATHP Datasheet HTML 80Page - Renesas Technology Corp M30291FATHP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 499 page
background image
7. Clock Generation Circuit
page 53
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
p
u
o
r
G
9
2
/
C
6
1
M
Figure 7.7 PLC0 Register and CCLKR register
PLC00
PLC01
PLC02
PLC07
(3)
(4)
Function
NOTES:
1. Write to this register after setting the PRC0 bit in the PRCR register to 1 (write enable).
2. When the PM21 bit in the PM2 register is 1 (clock modification disable), writing to this register has no effect.
3. These three bits can only be modified when the PLC07 bit is set to 0 (PLL turned off). The value once written to
this bit cannot be modified.
4. Before setting this bit to 1 , set the CM07 bit to 0 (main clock), set bits CM17 to CM16 bits to 002 (main
clock undivided mode), and set the CM06 bit to 0 (CM16 and CM17 bits enable).
PLL Control Register 0 (1,2)
PLL multiplying factor
select bit
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
Operation enable bit
0 0 0:
0 0 1: Multiply by 2
0 1 0: Multiply by 4
0 1 1:
1 0 0:
1 0 1:
1 1 0:
1 1 1:
0: PLL Off
1: PLL On
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PLC0
001C16
0001X0102
RW
b1b0
b2
Reserved bit
Set to 0
Do not set
RW
RW
RW
RW
RW
Reserved bit
Set to 1
RW
Do not set
(b4)
(b6-b5)
(b3)
b7 b6 b5 b4 b3 b2 b1 b0
0 1
0
RW
RW
RW
RW
RW
0 0 0 No division
0 0 1: Divide-by-2
0 1 0: Divide-by-4
0 1 1: Divide-by-8
1 0 0: Divide-by-16
1 0 1:
1 1 0:
Inhibited
1 1 1:
b2 b1 b0
CAN0 clock select bits(2)
CAN0 CPU interface
sleep bit(3)
0: CAN0 CPU interface operating
1: CAN0 CPU interface in sleep
Bit Name
Function
Bit Symbol
RW
CCLK3
CCLK1
CCLK2
CCLK0
Symbol
Address
After Reset
CCLKR
025F16
0016
NOTES:
1. Write to this register after setting the PRC0 bit in the PRCR register to 1 (write enable).
2. Configuration of bits CCLK2 to CCLK0 can be done only when the Reset bit in the C0CTLR register is set to 1
(Reset/Initialization mode).
3. Before setting this bit to 1(CAN0 CPU interface in sleep), set the Sleep bit in C0CTLR register to 1 (Sleep
mode).
CAN0 Clock Select Register (1)
b7 b6 b5 b4 b3 b2 b1 b0
(b7-b4)
Nothing is assigned. If necessary, set to 0. When read,
the content is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com