Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2199R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H8S2199R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2199R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H8S2199R Datasheet HTML 9Page - Renesas Technology Corp H8S2199R Datasheet HTML 10Page - Renesas Technology Corp H8S2199R Datasheet HTML 11Page - Renesas Technology Corp H8S2199R Datasheet HTML 12Page - Renesas Technology Corp H8S2199R Datasheet HTML 13Page - Renesas Technology Corp H8S2199R Datasheet HTML 14Page - Renesas Technology Corp H8S2199R Datasheet HTML 15Page - Renesas Technology Corp H8S2199R Datasheet HTML 16Page - Renesas Technology Corp H8S2199R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1222 page
background image
Rev.2.00 Jan. 15, 2007 page xiii of xliv
REJ09B0329-0200
Item
Page
Revision (See Manual for Details)
22.2.8 Bit Rate
Register 1 (BRR1)
Table 22.3 BRR1
Settings for Various Bit
Rates (Asynchronous
Mode)
407, 408 Table 22.3 amended
Operating Frequecy
φ (MHz)
2
2.4576
3
Bit Rate
(bits/s)
1200
0
51
0.16
0
54
−0.71
0
63
0.00
0
77
0.16
2400
0
25
0.16
0
26
1.12
0
31
0.00
0
38
0.16
4800
0
12
0.16
0
13
−2.54
0
15
0.00
0
19
−2.40
9600
—
—
—
6
0
−2.54
0
7
0.00
0
9
−2.40
19200
—
—
—
—
—
—
0
3
0.00
0
4
−2.40
110
2
64
0.69
2
70
0.03
2
86
0.31
2
88
0.25
4800
0
23
0.00
0
25
0.16
0
31
0.00
0
32
−1.38
9600
0
11
0.00
0
12
0.16
0
15
0.00
0
15
1.70
19200
0
5
0.00
—
—
—
0
7
0.00
0
7
1.70
31250
—
—
—
0
3
0.00
0
4
−1.73
0
4
0.00
38400
0
2
0.00
—
—
—
0
3
0.00
0
3
1.70
N
n
Error (%)
N
n
Error (%)
N
n
Error (%)
N
n
Error (%)
2.097152
Operating Frequecy
φ (MHz)
3.6864
4.9152
5
Bit Rate
(bits/s)
N
n
Error (%)
N
n
Error (%)
N
n
Error (%)
N
n
Error (%)
4
Operating Frequecy
φ (MHz)
6
7.3728
8
Bit Rate
(bits/s)
N
n
Error (%)
N
n
Error (%)
N
n
Error (%)
N
n
Error (%)
6.144
Operating Frequecy
φ (MHz)
9.8304
Bit Rate
(bits/s)
N
n
Error (%)
N
n
Error (%)
10
9600
0
19
−2.40
0
19
0.00
0
23
0.00
0
25
0.16
19200
0
9
−2.40
0
9
0.00
0
11
0.00
0
12
0.16
31250
0
5
0.00
0
5
2.34
—
—
—
0
7
0.00
38400
0
4
−2.40
0
4
0.00
0
5
0.00
—
—
—
9600
0
31
0.00
0
32
−1.38
19200
0
15
0.00
0
15
1.70
31250
0
9
−1.73
0
9
0.00
38400
0
7
0.00
0
7
1.70
22.2.9 Serial Interface
Mode Register 1
(SCMR1)
413
Bit 3 description amended
TDR1 contents are transmitted ...
22.3.2 Operation in
Asynchronous Mode
Figure 22.7 Sample
Serial Reception Data
Flowchart (1)
424
Figure 22.7 amended
[2] [3] Receive error handling and break detection: ... and FER
flags in SSR1 to identify the error. After performing the
appropriate error handling, ensure that the ORER, PER, and
FER flags are all cleared to 0. ...
[4] SCI status check and receive data read: Read SSR1 and
check that RDRF = 1, then ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com