Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 404Page - Renesas Technology Corp H8S2245 Datasheet HTML 405Page - Renesas Technology Corp H8S2245 Datasheet HTML 406Page - Renesas Technology Corp H8S2245 Datasheet HTML 407Page - Renesas Technology Corp H8S2245 Datasheet HTML 408Page - Renesas Technology Corp H8S2245 Datasheet HTML 409Page - Renesas Technology Corp H8S2245 Datasheet HTML 410Page - Renesas Technology Corp H8S2245 Datasheet HTML 411Page - Renesas Technology Corp H8S2245 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 366 of 772
REJ09B0355-0300
Each pair of registers for channel 0 and channel 1 is a 16-bit register with the upper 8 bits for
channel 0 and the lower 8 bits for channel 1, so they can be accessed together by word transfer
instruction.
10.2
Register Descriptions
10.2.1
Timer Counters 0 and 1 (TCNT0, TCNT1)
15
0
R/W
14
0
R/W
13
0
R/W
12
0
R/W
11
0
R/W
10
0
R/W
9
0
R/W
8
0
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
TCNT0
TCNT1
Bit
Initial value
R/W
:
:
:
TCNT0 and TCNT1 are 8-bit readable/writable up-counters that increment on pulses generated
from an internal or external clock source. This clock source is selected by clock select bits CKS2
to CKS0 of TCR. The CPU can read or write to TCNT0 and TCNT1 at all times.
TCNT0 and TCNT1 comprise a single 16-bit register, so they can be accessed together by word
transfer instruction.
TCNT0 and TCNT1 can be cleared by an external reset input or by a compare match signal.
Which signal is to be used for clearing is selected by clock clear bits CCLR1 and CCLR0 of TCR.
When a timer counter overflows from H'FF to H'00, OVF in TCSR is set to 1.
TCNT0 and TCNT1 are each initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com