Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 5 Page - Renesas Technology Corp

  H8S2245 Datasheet HTML 1Page - Renesas Technology Corp H8S2245 Datasheet HTML 2Page - Renesas Technology Corp H8S2245 Datasheet HTML 3Page - Renesas Technology Corp H8S2245 Datasheet HTML 4Page - Renesas Technology Corp H8S2245 Datasheet HTML 5Page - Renesas Technology Corp H8S2245 Datasheet HTML 6Page - Renesas Technology Corp H8S2245 Datasheet HTML 7Page - Renesas Technology Corp H8S2245 Datasheet HTML 8Page - Renesas Technology Corp H8S2245 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page v of xlii
REJ09B0355-0300
Preface
The H8S/2245 Group is a series of high-performance microcontrollers with a 32-bit H8S/2000
CPU core, and a set of on-chip peripheral functions required for system configuration.
The H8S/2000 CPU can execute basic instructions in one state, and is provided with sixteen 16-bit
general registers with a 32-bit internal configuration, and a concise and optimized instruction set.
The CPU can handle a 16 Mbyte linear address space (architecturally 4 Gbytes). Programs based
on the high-level language C can also be run efficiently.
The address space is divided into eight areas. The data bus width and access states can be selected
for each of these areas, and various kinds of memory can be connected fast and easily.
On-chip memory consists of large-capacity ROM and RAM. PROM (ZTAT
) and mask ROM
versions are available, providing a quick and flexible response to conditions from ramp-up through
full-scale volume production, even for applications with frequently changing specifications.
On-chip peripheral functions include a 16-bit timer pulse unit (TPU), 8-bit timers, watchdog timer
(WDT), serial communication interface (SCI), A/D converter, and I/O ports.
In addition, an on-chip data transfer controller (DTC) is provided, enabling high-speed data
transfer without CPU intervention.
Use of the H8S/2245 Group enables compact, high-performance systems to be implemented
easily.
This manual describes the hardware of the H8S/2245 Group. Refer to the H8S/2600 Series and
H8S/2000 Series Software Manual for a detailed description of the instruction set.
Note: ZTAT is a registered trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com