Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 412Page - Renesas Technology Corp H8S2245 Datasheet HTML 413Page - Renesas Technology Corp H8S2245 Datasheet HTML 414Page - Renesas Technology Corp H8S2245 Datasheet HTML 415Page - Renesas Technology Corp H8S2245 Datasheet HTML 416Page - Renesas Technology Corp H8S2245 Datasheet HTML 417Page - Renesas Technology Corp H8S2245 Datasheet HTML 418Page - Renesas Technology Corp H8S2245 Datasheet HTML 419Page - Renesas Technology Corp H8S2245 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 374 of 772
REJ09B0355-0300
10.3
Operation
10.3.1
TCNT Incrementation Timing
TCNT is incremented by input clock pulses (either internal or external).
Internal Clock
Three different internal clock signals (
φ/8, φ/64, or φ/8192) divided from the system clock (φ) can
be selected, by setting bits CKS2 to CKS0 in TCR. Figure 10.2 shows the count timing.
φ
Internal clock
Clock input
to TCNT
TCNT
N–1
N
N+1
Figure 10.2 Count Timing for Internal Clock Input
External Clock
Three incrementation methods can be selected by setting bits CKS2 to CKS0 in TCR: at the rising
edge, the falling edge, and both rising and falling edges.
Note that the external clock pulse width must be at least 1.5 states for incrementation at a single
edge, and at least 2.5 states for incrementation at both edges. The counter will not increment
correctly if the pulse width is less than these values.
Figure 10.3 shows the timing of incrementation at both edges of an external clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com