Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 419Page - Renesas Technology Corp H8S2245 Datasheet HTML 420Page - Renesas Technology Corp H8S2245 Datasheet HTML 421Page - Renesas Technology Corp H8S2245 Datasheet HTML 422Page - Renesas Technology Corp H8S2245 Datasheet HTML 423Page - Renesas Technology Corp H8S2245 Datasheet HTML 424Page - Renesas Technology Corp H8S2245 Datasheet HTML 425Page - Renesas Technology Corp H8S2245 Datasheet HTML 426Page - Renesas Technology Corp H8S2245 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 381 of 772
REJ09B0355-0300
10.6
Usage Notes
Application programmers should note that the following kinds of contention can occur in the 8-bit
timer.
10.6.1
Setting Module Stop Mode
The TMR is enabled or disabled by setting the module stop control register. In the initial state, the
TMR is disabled. After the module stop mode is canceled, registers can be accessed. For details,
see section 18, Power-Down Modes.
10.6.2
Contention between TCNT Write and Clear
If a timer counter clock pulse is generated during the T2 state of a TCNT write cycle, the clear
takes priority, so that the counter is cleared and the write is not performed.
Figure 10.10 shows this operation.
φ
Address
TCNT address
Internal write signal
Counter clear signal
TCNT
N
H'00
T1
T2
TCNT write cycle by CPU
Figure 10.10 Contention between TCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com