Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 445Page - Renesas Technology Corp H8S2245 Datasheet HTML 446Page - Renesas Technology Corp H8S2245 Datasheet HTML 447Page - Renesas Technology Corp H8S2245 Datasheet HTML 448Page - Renesas Technology Corp H8S2245 Datasheet HTML 449Page - Renesas Technology Corp H8S2245 Datasheet HTML 450Page - Renesas Technology Corp H8S2245 Datasheet HTML 451Page - Renesas Technology Corp H8S2245 Datasheet HTML 452Page - Renesas Technology Corp H8S2245 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 407 of 772
REJ09B0355-0300
12.1.4
Register Configuration
The SCI has the internal registers shown in table 12.2. These registers are used to specify
asynchronous mode or clocked synchronous mode, the data format, and the bit rate, and to control
transmitter/receiver.
Table 12.2
SCI Registers
Channel
Name
Abbreviation
R/W
Initial Value
Address*
1
0
Serial mode register 0
SMR 0
R/W
H'00
H'FF78
Bit rate register 0
BRR 0
R/W
H'FF
H'FF79
Serial control register 0
SCR 0
R/W
H'00
H'FF7A
Transmit data register 0
TDR 0
R/W
H'FF
H'FF7B
Serial status register 0
SSR 0
R/(W)*
2
H'84
H'FF7C
Receive data register 0
RDR 0
R
H'00
H'FF7D
Smart card mode register 0
SCMR0
R/W
H'F2
H'FF7E
1
Serial mode register 1
SMR1
R/W
H'00
H'FF80
Bit rate register 1
BRR1
R/W
H'FF
H'FF81
Serial control register 1
SCR1
R/W
H'00
H'FF82
Transmit data register 1
TDR1
R/W
H'FF
H'FF83
Serial status register 1
SSR1
R/(W)*
2
H'84
H'FF84
Receive data register 1
RDR1
R
H'00
H'FF85
Smart card mode register 1
SCMR1
R/W
H'F2
H'FF86
2
Serial mode register 2
SMR2
R/W
H'00
H'FF88
Bit rate register 2
BRR2
R/W
H'FF
H'FF89
Serial control register 2
SCR2
R/W
H'00
H'FF8A
Transmit data register 2
TDR2
R/W
H'FF
H'FF8B
Serial status register 2
SSR2
R/(W)*
2
H'84
H'FF8C
Receive data register 2
RDR2
R
H'00
H'FF8D
Smart card mode register 2
SCMR2
R/W
H'F2
H'FF8E
All
Module stop control register
MSTPCR
R/W
H'3FFF
H'FF3C
Notes: 1. Lower 16 bits of the address.
2. Can only be written with 0 for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com