Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 506 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 506 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 502Page - Renesas Technology Corp H8S2245 Datasheet HTML 503Page - Renesas Technology Corp H8S2245 Datasheet HTML 504Page - Renesas Technology Corp H8S2245 Datasheet HTML 505Page - Renesas Technology Corp H8S2245 Datasheet HTML 506Page - Renesas Technology Corp H8S2245 Datasheet HTML 507Page - Renesas Technology Corp H8S2245 Datasheet HTML 508Page - Renesas Technology Corp H8S2245 Datasheet HTML 509Page - Renesas Technology Corp H8S2245 Datasheet HTML 510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 464 of 772
REJ09B0355-0300
12.5
Usage Notes
The following points should be noted when using the SCI.
Module Stop Mode Setting
SCI operation can be disabled or enabled using the module stop control register. The initial setting
is for SCI operation to be halted. Register access is enabled by clearing module stop mode. For
details, see section 18, Power-Down Modes.
Relation between Writes to TDR and the TDRE Flag
The TDRE flag in SSR is a status flag that indicates that transmit data has been transferred from
TDR to TSR. When the SCI transfers data from TDR to TSR, the TDRE flag is set to 1.
Data can be written to TDR regardless of the state of the TDRE flag. However, if new data is
written to TDR when the TDRE flag is cleared to 0, the data stored in TDR will be lost since it has
not yet been transferred to TSR. It is therefore essential to check that the TDRE flag is set to 1
before writing transmit data to TDR.
Operation when Multiple Receive Errors Occur Simultaneously
If a number of receive errors occur at the same time, the state of the status flags in SSR is as
shown in table 12.13. If there is an overrun error, data is not transferred from RSR to RDR, and
the receive data is lost.
Table 12.13 State of SSR Status Flags and Transfer of Receive Data
SSR Status Flags
RDRF
ORER
FER
PER
Receive Data Transfer
RSR to RDR
Receive Error Status
1
1
0
0
X
Overrun error
0
010
Framing error
0
001
Parity error
1
1
1
0
X
Overrun error + framing error
1
1
0
1
X
Overrun error + parity error
0
011
Framing error + parity error
1
1
1
1
X
Overrun error + framing error +
parity error
Legend:
:
Receive data is transferred from RSR to RDR.
X:
Receive data is not transferred from RSR to RDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com