Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 601Page - Renesas Technology Corp H8S2245 Datasheet HTML 602Page - Renesas Technology Corp H8S2245 Datasheet HTML 603Page - Renesas Technology Corp H8S2245 Datasheet HTML 604Page - Renesas Technology Corp H8S2245 Datasheet HTML 605Page - Renesas Technology Corp H8S2245 Datasheet HTML 606Page - Renesas Technology Corp H8S2245 Datasheet HTML 607Page - Renesas Technology Corp H8S2245 Datasheet HTML 608Page - Renesas Technology Corp H8S2245 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 818 page
background image
Section 18 Power-Down Modes
Rev.3.00 Mar. 26, 2007 Page 563 of 772
REJ09B0355-0300
Table 18.3
MSTP Bits and Corresponding On-Chip Supporting Modules
Register
Bit
Module
MSTPCRH
MSTP15
—
MSTP14
Data transfer controller (DTC)
MSTP13
16-bit timer pulse unit (TPU)
MSTP12
8-bit timer
MSTP11
—
MSTP10
—
MSTP9
A/D converter
MSTP8
—
MSTPCRL
MSTP7
Serial communication interface (SCI) channel 2
MSTP6
Serial communication interface (SCI) channel 1
MSTP5
Serial communication interface (SCI) channel 0
MSTP4
—
MSTP3
—
MSTP2
—
MSTP1
—
MSTP0
—
Note:
Bits 15, 11, 10, 8, and 4 to 0 can be read or written to, but do not affect operation.
18.5.2
Usage Notes
DTC Module Stop Mode: Depending on the operating status of the DTC, the MSTP14 bit may
not be set to 1. Setting of the DTC module stop mode should be carried out only when the DTC is
not activated.
For details, refer to section 7, Data Transfer Controller.
On-Chip Supporting Module Interrupts: Relevant interrupt operations cannot be performed in
module stop mode. Consequently, if module stop mode is entered when an interrupt has been
requested, it will not be possible to clear the CPU interrupt source or DTC activation source.
Interrupts should therefore be disabled before entering module stop mode.
Writing to MSTPCR: MSTPCR should only be written to by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com