Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 304Page - Renesas Technology Corp H8S2245 Datasheet HTML 305Page - Renesas Technology Corp H8S2245 Datasheet HTML 306Page - Renesas Technology Corp H8S2245 Datasheet HTML 307Page - Renesas Technology Corp H8S2245 Datasheet HTML 308Page - Renesas Technology Corp H8S2245 Datasheet HTML 309Page - Renesas Technology Corp H8S2245 Datasheet HTML 310Page - Renesas Technology Corp H8S2245 Datasheet HTML 311Page - Renesas Technology Corp H8S2245 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 266 of 772
REJ09B0355-0300
8.11.2
Register Configuration
Table 8.19 shows the port E register configuration.
Table 8.19
Port E Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port E data direction register
PEDDR
W
H'00
H'FEBD
Port E data register
PEDR
R/W
H'00
H'FF6D
Port E register
PORTE
R
Undefined
H'FF5D
Port E MOS pull-up control register
PEPCR
R/W
H'00
H'FF74
Note:
*
Lower 16 bits of the address.
Port E Data Direction Register (PEDDR)
7
PE7DDR
0
W
6
PE6DDR
0
W
5
PE5DDR
0
W
4
PE4DDR
0
W
3
PE3DDR
0
W
0
PE0DDR
0
W
2
PE2DDR
0
W
1
PE1DDR
0
W
Bit
Initial value
R/W
:
:
:
PEDDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port E. PEDDR cannot be read; if it is, an undefined value will be read.
This register is a write-only register, and cannot be written by bit manipulation instruction. For
details, see section 2.10.4, Access Methods for Registers with Write-Only Bits.
PEDDR is initialized to H'00 by a power-on reset, and in hardware standby mode. It retains its
prior state after a manual reset, and in software standby mode.
• Modes 1, 2, 4, 5, and 6
When 8-bit bus mode has been selected, port E pins function as I/O ports. Setting a PEDDR bit
to 1 makes the corresponding port E pin an output port, while clearing the bit to 0 makes the
pin an input port.
When 16-bit bus mode has been selected, the input/output direction specification by PEDDR is
ignored, and port E is designated for data I/O.
For details of 8-bit and 16-bit bus modes, see section 6, Bus Controller.
Note:
Modes 2 and 6 cannot be used in the H8S/2240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com