Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 315Page - Renesas Technology Corp H8S2245 Datasheet HTML 316Page - Renesas Technology Corp H8S2245 Datasheet HTML 317Page - Renesas Technology Corp H8S2245 Datasheet HTML 318Page - Renesas Technology Corp H8S2245 Datasheet HTML 319Page - Renesas Technology Corp H8S2245 Datasheet HTML 320Page - Renesas Technology Corp H8S2245 Datasheet HTML 321Page - Renesas Technology Corp H8S2245 Datasheet HTML 322Page - Renesas Technology Corp H8S2245 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 277 of 772
REJ09B0355-0300
8.13
Port G
8.13.1
Overview
Port G is a 5-bit I/O port. Port G pins also function as bus control signal output pins (
CS0 to CS3).
The A/D converter input pin (
ADTRG), and interrupt input pins (IRQ6, IRQ7). The interrupt input
pins (
IRQ6, IRQ7) are Schmitt-triggered inputs.
Figure 8.25 shows the port G pin configuration.
PG4/CS0
PG3/CS1
PG2/CS2
PG1/CS3/IRQ7
PG0/ADTRG/IRQ6
PG4
PG3
PG2
PG1
PG0
Note: * Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
(I/O)
(I/O)
(I/O)
(I/O)/
IRQ7 (input)
(I/O)/
Port G pins
Pin functions in modes 3 and 7*
Pin functions in modes 4 to 6*
PG4
PG3
PG2
PG1
PG0
(input)/
(I/O)
(I/O)
(I/O)/
IRQ7 (input)
(I/O)/
ADTRG (input)/IRQ6 (input)
CS0 (output)
Pin functions in modes 1 and 2*
PG4
PG3
PG2
PG1
PG0
(input)/
(input)/
(input)/
(input)/
(I/O)/
CS0
CS1
CS2
CS3
(output)
(output)
(output)
(output)/
IRQ7 (input)
Port G
ADTRG (input)/IRQ6 (input)
ADTRG (input)/IRQ6 (input)
Figure 8.25 Port G Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com