Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2138A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F2138A
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2138A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F2138A Datasheet HTML 5Page - Renesas Technology Corp HD64F2138A Datasheet HTML 6Page - Renesas Technology Corp HD64F2138A Datasheet HTML 7Page - Renesas Technology Corp HD64F2138A Datasheet HTML 8Page - Renesas Technology Corp HD64F2138A Datasheet HTML 9Page - Renesas Technology Corp HD64F2138A Datasheet HTML 10Page - Renesas Technology Corp HD64F2138A Datasheet HTML 11Page - Renesas Technology Corp HD64F2138A Datasheet HTML 12Page - Renesas Technology Corp HD64F2138A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page ix of liv
Item
Page
Revision (See Manual for Details)
16.4 Usage Notes
514 to
521
• Notes on WAIT Function
• Notes on ICDR Reads and ICCR Access in Slave Transmit
Mode
• Notes on TRS Bit Setting in Slave Mode
• Notes on Notes on Arbitration Lost in Master Mode
• Notes on Interrupt Occurrence after ACKB Reception
Description added
17.1.3 Input and Output
Pins
Table 17.1 Host
Interface Input/Output
Pins
525
Note
* amended
Note:
* Selection of
CS2 or ECS2 is by means of the CS2E
bit in SYSCR and ...
19.4.3 Input Sampling
and A/D Conversion
Time
Figure 19.5 A/D
Conversion Timing
566
Figure 19.5 amended
(1)
(2)
tD
tSPL
tCONV
φ
Address
Write signal
Input sampling
timing
ADF
19.6 Usage Notes
Figure 19.11 Example
of Analog Input Circuit
572
Note added
Note: Values are reference values.
21.5.2 Flash Memory
Control Register 2
(FLMCR2)
590
Description amended
Bits 6 to 2
Reserved: Always write 0 when writing to these
bits.
21.6.1 Boot Mode
597
Description amended
... H'(FF)E080 to H'(FF)EFFF (3968 bytes) in the 128-kbyte
versions including H8S/2132, except for H8S/2132R or
H'(FF)E880 to H'(FF)EFFF (1920 bytes) in the 64-kbyte
versions including H8S/2132R, except for H8S/2132.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com