| Electronic Components Datasheet Search |
|
HD6432144S Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432144S Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 1177 page ![]() Rev. 4.00 Sep 27, 2006 page ix of xliv Item Page Revision (See Manual for Details) 5.2.8 Address Break Control Register (ABRKCR) 124 Read/Write description amended Bit 7 (Before) R/W → (After) R 5.5.3 Interrupt control Mode 1 Figure 5.9 Example of State Transitions in Interrupt control Mode 1 140 Figure 5.9 amended (Before) Only NMI interrupts enabled and address break → (After) Only NMI interrupts and address break enabled 8.1 Overview Table 8.1 H8S/2148 Group Port Functions 213 Table 8.1 amended Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port A • 8-bit I/O port PA7/A23/ KIN15/ CIN15/PS2CD PA6/A22/ KIN14/ CIN14/PS2CC PA5/A21/ KIN13/ CIN13/PS2BD PA4/A20/ KIN12/ CIN12/PS2BC PA3/A19/ KIN11/ CIN11/PS2AD PA2/A18/ KIN10/ CIN10/PS2AC PA1/A17/ KIN9/ CIN9 PA0/A16/ KIN8/ CIN8 I/O port also functioning as key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) I/O port also functioning as address output (A23 to A16), key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/ output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) I/O port also functioning as key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) Table 8.2 H8S/2147N Port Functions 216 Table 8.2 amended Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port A • 8-bit I/O port PA7/A23/ KIN15/ CIN15/PS2CD PA6/A22/ KIN14/ CIN14/PS2CC PA5/A21/ KIN13/ CIN13/PS2BD PA4/A20/ KIN12/ CIN12/PS2BC PA3/A19/ KIN11/ CIN11/PS2AD PA2/A18/ KIN10/ CIN10/PS2AC PA1/A17/ KIN9/ CIN9 PA0/A16/ KIN8/ CIN8 I/O port also functioning as key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) I/O port also functioning as address output (A23 to A16), key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/ output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) I/O port also functioning as key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |