| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 413 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 413 Page - Renesas Technology Corp |
|
413 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 361 of 1102 REJ09B0294-0100 (2) XY Conversion Using Offset Figure 7.19 shows the XY conversion using the offset addition in repeat transfer mode. Data 1 Data 2 Data 3 Data 4 Data 5 Data 11 Data 12 Data 16 Data 16 Data 15 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 5 Data 9 Data 13 Data 2 Data 11 Data 15 Data 12 Data 8 Data 4 Data 7 Data 3 Data 14 Data 10 Data 6 1st transfer 1st transfer 2nd transfer 2nd transfer 3rd transfer 3rd transfer 4th transfer 1st transfer 2nd transfer 3rd transfer 4th transfer Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 5 Data 9 Data 13 Data 12 Data 2 Data 11 Data 15 Data 16 Data 8 Data 4 Data 7 Data 3 Data 14 Data 10 Data 6 Transfer Transfer Interrupt request generated Interrupt request generated Address initialized Interrupt request generated Address initialized Transfer source addresses changed by CPU Transfer source addresses changed by CPU Offset Offset Offset Figure 7.19 XY Conversion Operation Using Offset Addition in Repeat Transfer Mode In figure 7.19, the source address side is specified to the repeat area by DACR and the offset addition is selected. The offset value is set to 4 × data access size (when the data access size is longword, H'00000010 is set in DOFR, as an example). The repeat size is set to 4 × data access size (when the data access size is longword, the repeat size is set to 4 × 4 = 16 bytes, as an example). The increment or decrement by 1, 2, or 4 is specified as the transfer destination address. A repeat size end interrupt is requested when the repeat size of transfers is completed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |