| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 442 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 442 Page - Renesas Technology Corp |
|
442 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 390 of 1102 REJ09B0294-0100 7.8 Interrupt Sources The DMAC interrupt sources are a transfer end interrupt by the transfer counter and a transfer escape end interrupt which is generated when a transfer is terminated before the transfer counter reaches 0. Table 7.7 shows interrupt sources and priority. Table 7.7 Interrupt Sources and Priority Abbr. Interrupt Sources Priority DMTEND0 Transfer end interrupt by channel 0 transfer counter High DMTEND1 Transfer end interrupt by channel 1 transfer counter DMTEND2 Transfer end interrupt by channel 2 transfer counter DMTEND3 Transfer end interrupt by channel 3 transfer counter DMEEND0 Interrupt by channel 0 transfer size error Interrupt by channel 0 repeat size end Interrupt by channel 0 extended repeat area overflow on source address Interrupt by channel 0 extended repeat area overflow on destination address DMEEND1 Interrupt by channel 1 transfer size error Interrupt by channel 1 repeat size end Interrupt by channel 1 extended repeat area overflow on source address Interrupt by channel 1 extended repeat area overflow on destination address DMEEND2 Interrupt by channel 2 transfer size error Interrupt by channel 2 repeat size end Interrupt by channel 2 extended repeat area overflow on source address Interrupt by channel 2 extended repeat area overflow on destination address DMEEND3 Interrupt by channel 3 transfer size error Interrupt by channel 3 repeat size end Interrupt by channel 3 extended repeat area overflow on source address Interrupt by channel 3 extended repeat area overflow on destination address Low Each interrupt is enabled or disabled by the DTIE and ESIE bits in DMDR for the corresponding channel. A DMTEND interrupt is generated by the combination of the DTIF and DTIE bits in DMDR. A DMEEND interrupt is generated by the combination of the ESIF and ESIE bits in DMDR. The DMEEND interrupt sources are not distinguished. The priority among channels are decided by the interrupt controller and it is shown in table 7.7. For details, see section 5, Interrupt Controller. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |