Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 441Page - Renesas Technology Corp H8SX1663 Datasheet HTML 442Page - Renesas Technology Corp H8SX1663 Datasheet HTML 443Page - Renesas Technology Corp H8SX1663 Datasheet HTML 444Page - Renesas Technology Corp H8SX1663 Datasheet HTML 445Page - Renesas Technology Corp H8SX1663 Datasheet HTML 446Page - Renesas Technology Corp H8SX1663 Datasheet HTML 447Page - Renesas Technology Corp H8SX1663 Datasheet HTML 448Page - Renesas Technology Corp H8SX1663 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 393 of 1102
REJ09B0294-0100
7.9
Notes on Usage
1. DMAC Register Access During Operation
Except for clearing the DTE bit in DMDR, the settings for channels being transferred
(including waiting state) must not be changed. The register settings must be changed during
the transfer prohibited state.
2. Settings of Module Stop Function
The DMAC operation can be enabled or disabled by the module stop control register. The
DMAC is enabled by the initial value.
Setting bit MSTPA13 in MSTPCRA stops the clock supplied to the DMAC and the DMAC
enters the module stop state. However, when a transfer for a channel is enabled or when an
interrupt is being requested, bit MSTPA13 cannot be set to 1. Clear the DTE bit to 0, clear the
DTIF or DTIE bit in DMDR to 0, and then set bit MSTPA13.
When the clock is stopped, the DMAC registers cannot be accessed. However, the following
register settings are valid in the module stop state. Disable them before entering the module
stop state, if necessary.
 TENDE bit in DMDR is 1 (the TEND signal output enabled)
 DACKE bit in DMDR is 1 (the DACK signal output enabled)
3. Activation by
DREQ Falling Edge
The
DREQ falling edge detection is synchronized with the DMAC internal operation.
A. Activation request waiting state: Waiting for detecting the
DREQ low level. A transition to
2. is made.
B. Transfer waiting state: Waiting for a DMAC transfer. A transition to 3. is made.
C. Transfer prohibited state: Waiting for detecting the
DREQ high level. A transition to 1. is
made.
After a DMAC transfer enabled, a transition to 1. is made. Therefore, the
DREQ signal is
sampled by low level detection at the first activation after a DMAC transfer enabled.
4. Acceptation of Activation Source
At the beginning of an activation source reception, a low level is detected regardless of the
setting of
DREQ falling edge or low level detection. Therefore, if the DREQ signal is driven
low before setting DMDR, the low level is received as a transfer request.
When the DMAC is activated, clear the
DREQ signal of the previous transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com