Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 444Page - Renesas Technology Corp H8SX1663 Datasheet HTML 445Page - Renesas Technology Corp H8SX1663 Datasheet HTML 446Page - Renesas Technology Corp H8SX1663 Datasheet HTML 447Page - Renesas Technology Corp H8SX1663 Datasheet HTML 448Page - Renesas Technology Corp H8SX1663 Datasheet HTML 449Page - Renesas Technology Corp H8SX1663 Datasheet HTML 450Page - Renesas Technology Corp H8SX1663 Datasheet HTML 451Page - Renesas Technology Corp H8SX1663 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 396 of 1102
REJ09B0294-0100
Figure 8.1 shows a block diagram of the DTC. The DTC transfer information can be allocated to
the data area*. When the transfer information is allocated to the on-chip RAM, a 32-bit bus
connects the DTC to the on-chip RAM, enabling 32-bit/1-state reading and writing of the DTC
transfer information.
Note: * When the transfer information is stored in the on-chip RAM, the RAME bit in SYSCR
must be set to 1.
Bus interface
Bus controller
DTCCR
Interrupt controller
ACK
REQ
DTCVBR
DTC
CPU interrupt request
Interrupt source clear
request
8
Register
control
Activation
control
Interrupt
control
On-chip
ROM
On-chip
RAM
MRA
MRB
SAR
DAR
CRA
CRB
On-chip
peripheral
module
External
memory
External device
(memory mapped)
DTC activation request
vector number
MRA, MRB:
SAR:
DAR:
CRA, CRB:
DTCERA to DTCERE,
DTCERG, and DTCERH:
DTCCR:
DTCVBR:
DTC mode registers A, B
DTC source address register
DTC destination address register
DTC transfer count registers A, B
DTC enable registers A to E, G, and sH
DTC control register
DTC vector base register
[Legend]
DTCERA to DTCERE,
DTCERG, and DTCERH
Figure 8.1 Block Diagram of DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com