| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 491 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 491 Page - Renesas Technology Corp |
|
491 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 439 of 1102 REJ09B0294-0100 9.1.4 Input Buffer Control Register (PnICR) (n = 1, 2, 3, 5, 6, A to F, H, I, and M) ICR is an 8-bit readable/writable register that controls the port input buffers. For bits in ICR set to 1, the input buffers of the corresponding pins are valid. For bits in ICR cleared to 0, the input buffers of the corresponding pins are invalid and the input signals are fixed high. When the pin functions as an input for the peripheral modules, the corresponding bits should be set to 1. The initial value should be written to a bit whose corresponding pin is not used as an input or is used as an analog input/output pin. When PORT is read, the pin state is always read regardless of the ICR value. When the ICR value is cleared to 0 at this time, the read pin state is not reflected in a corresponding on-chip peripheral module. If ICR is modified, an internal edge may occur depending on the pin state. Accordingly, ICR should be modified when the corresponding input pins are not used. For example, an IRQ input, modify ICR while the corresponding interrupt is disabled, clear the IRQF flag in ISR of the interrupt controller to 0, and then enable the corresponding interrupt. If an edge occurs after the ICR setting, the edge should be cancelled. The initial value of ICR is H'00. Note: The lower six bits are valid and the upper two bits are reserved for port 6 registers. The lower five bits are valid and the upper three bits are reserved for port M registers. Bits 2 and 3 are valid and the other bits are reserved for port C registers. Bit Bit Name Initial Value R/W 7 Pn7ICR 0 R/W 6 Pn6ICR 0 R/W 5 Pn5ICR 0 R/W 4 Pn4ICR 0 R/W 3 Pn3ICR 0 R/W 2 Pn2ICR 0 R/W 1 Pn1ICR 0 R/W 0 Pn0ICR 0 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |