| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 492 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 492 Page - Renesas Technology Corp |
|
492 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 440 of 1102 REJ09B0294-0100 9.1.5 Pull-Up MOS Control Register (PnPCR) (n = D to F, H, and I) PCR is an 8-bit readable/writable register that controls on/off of the port input pull-up MOS. If a bit in PCR is set to 1 while the pin is in input state, the input pull-up MOS corresponding to the bit in PCR is turned on. Table 9.4 shows the input pull-up MOS status. The initial value of PCR is H'00. Bit Bit Name Initial Value R/W 7 Pn7PCR 0 R/W 6 Pn6PCR 0 R/W 5 Pn5PCR 0 R/W 4 Pn4PCR 0 R/W 3 Pn3PCR 0 R/W 2 Pn2PCR 0 R/W 1 Pn1PCR 0 R/W 0 Pn0PCR 0 R/W Table 9.4 Input Pull-Up MOS State Port Pin State Reset Hardware Standby Mode Software Standby Mode Other Operation Port D Address output OFF Port output OFF Port input OFF ON/OFF Port E Address output OFF Port output OFF Port input OFF ON/OFF Port F Address output OFF Port output OFF Port input OFF ON/OFF Port H Data input/output OFF Port output OFF Port input OFF ON/OFF Port I Data input/output OFF Port output OFF Port input OFF ON/OFF [Legend] OFF: The input pull-up MOS is always off. ON/OFF: If PCR is set to 1, the input pull-up MOS is on; if PCR is cleared to 0, the input pull-up MOS is off. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |