Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 176Page - Renesas Technology Corp H8SX1663 Datasheet HTML 177Page - Renesas Technology Corp H8SX1663 Datasheet HTML 178Page - Renesas Technology Corp H8SX1663 Datasheet HTML 179Page - Renesas Technology Corp H8SX1663 Datasheet HTML 180Page - Renesas Technology Corp H8SX1663 Datasheet HTML 181Page - Renesas Technology Corp H8SX1663 Datasheet HTML 182Page - Renesas Technology Corp H8SX1663 Datasheet HTML 183Page - Renesas Technology Corp H8SX1663 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 128 of 1102
REJ09B0294-0100
5.8
Usage Notes
5.8.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to mask the interrupt, the masking becomes effective
after execution of the instruction.
When an interrupt enable bit is cleared to 0 by an instruction such as BCLR or MOV, if an
interrupt is generated during execution of the instruction, the interrupt concerned will still be
enabled on completion of the instruction, and so interrupt exception handling for that interrupt will
be executed on completion of the instruction. However, if there is an interrupt request with priority
over that interrupt, interrupt exception handling will be executed for the interrupt with priority,
and another interrupt will be ignored. The same also applies when an interrupt source flag is
cleared to 0. Figure 5.7 shows an example in which the TCIEV bit in TIER of the TPU is cleared
to 0. The above conflict will not occur if an enable bit or interrupt source flag is cleared to 0 while
the interrupt is masked.
Internal
address bus
Internal
write signal
P
φ
TCIEV
TCFV
TCIV
interrupt signal
TIER_0 write cycle by CPU
TCIV exception handling
TIER_0 address
Figure 5.7 Conflict between Interrupt Generation and Disabling
Similarly, when an interrupt is requested immediately before the DTC enable bit is changed to
activate the DTC, DTC activation and the interrupt exception handling by the CPU are both
executed. When changing the DTC enable bit, make sure that an interrupt is not requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com