Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 283Page - Renesas Technology Corp H8SX1663 Datasheet HTML 284Page - Renesas Technology Corp H8SX1663 Datasheet HTML 285Page - Renesas Technology Corp H8SX1663 Datasheet HTML 286Page - Renesas Technology Corp H8SX1663 Datasheet HTML 287Page - Renesas Technology Corp H8SX1663 Datasheet HTML 288Page - Renesas Technology Corp H8SX1663 Datasheet HTML 289Page - Renesas Technology Corp H8SX1663 Datasheet HTML 290Page - Renesas Technology Corp H8SX1663 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 235 of 1102
REJ09B0294-0100
6.10.9
Wait Control
There are two methods of inserting wait cycles during a DRAM access cycle: program wait
insertion and pin wait insertion using the WAIT pin.
Wait cycles are inserted to extend the
CAS assertion period during a DRAM read cycle and to
ensure the write data setup time to the falling edge of the
CAS signal during a DRAM write cycle.
(1) Program Wait Insertion
When bit AST2 in ASTCR is set to 1, zero to seven of wait cycles can automatically be inserted
between the Tc1 and Tc2 cycles. The number of wait cycles is selected by bits W22 to W20 in
WTCRB.
(2) Pin Wait Insertion
When the WAITE bit in BCR1 is set to 1, and the AST2 bit in ASTCR is set to 1, setting the ICR
bit for the corresponding pin to 1 enables wait input by the
WAIT pin. When the DRAM space is
accessed in this state, a program wait (Tpw) is first inserted. If the
WAIT pin is low at the rising
edge of B
φ in the last Tc1 or Tpw cycle, another Ttw cycle is inserted until the WAIT pin is driven
high. For details on ICR, see section 9, I/O Ports.
Figure 6.43 shows an example of wait cycle insertion timing for 2-cycle column address output.
Figure 6.44 shows an example of wait cycle insertion timing for 3-cycle column address output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com