Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 327Page - Renesas Technology Corp H8SX1663 Datasheet HTML 328Page - Renesas Technology Corp H8SX1663 Datasheet HTML 329Page - Renesas Technology Corp H8SX1663 Datasheet HTML 330Page - Renesas Technology Corp H8SX1663 Datasheet HTML 331Page - Renesas Technology Corp H8SX1663 Datasheet HTML 332Page - Renesas Technology Corp H8SX1663 Datasheet HTML 333Page - Renesas Technology Corp H8SX1663 Datasheet HTML 334Page - Renesas Technology Corp H8SX1663 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 279 of 1102
REJ09B0294-0100
(2) Self-Refresh Mode
Some SDRAMs have a self-refresh mode (battery backup mode). The self-refresh mode is a kind
of standby mode and refresh timing and refresh address are controlled internally.
The self-refresh mode is selected by setting the RFSHE and SLFRF bits in REFCR to 1. The
SELF command is issued as shown in figure 6.79 by executing the SLEEP instruction to enter the
self-refresh mode.
When an auto-refresh is requested on a transition to the standby mode, the auto-refresh is first
performed and then the self-refresh mode is entered.
When making a transition to the self-refresh mode, set the OEE bit in SBYCR to 1 and connect the
CKE pin.
When the self-refresh mode is used, do not clear the OPE bit in SBYCR to 0.
TR
p
TR
r
TR
c2
TR
c3
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
SELF
NOP
Software standby
BS
RD/
WR
Address bus
SD
φ
High
High
Figure 6.79 Self-Refresh Timing
(TPC1 = 0, TPC0 = 0, RCW1 = 0, RCW0 = 0, RLW1 = 0, RLW0 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com