Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H83024 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H83024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83024 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H83024 Datasheet HTML 35Page - Renesas Technology Corp H83024 Datasheet HTML 36Page - Renesas Technology Corp H83024 Datasheet HTML 37Page - Renesas Technology Corp H83024 Datasheet HTML 38Page - Renesas Technology Corp H83024 Datasheet HTML 39Page - Renesas Technology Corp H83024 Datasheet HTML 40Page - Renesas Technology Corp H83024 Datasheet HTML 41Page - Renesas Technology Corp H83024 Datasheet HTML 42Page - Renesas Technology Corp H83024 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 1 of 800
REJ09B0260-0200
Section 1 Overview
1.1
Overview
The H8/3024 Group is a series of microcontrollers (MCUs) that integrate system supporting
functions together with an H8/300H CPU core having an original Renesas Technology
architecture.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space. Its instruction set is upward-compatible at the object-code level with the H8/300 CPU,
enabling easy porting of software from the H8/300 Series.
The on-chip system supporting functions include ROM, RAM, a 16-bit timer, an 8-bit timer, a
programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication
interface (SCI), an A/D converter, a D/A converter, I/O ports, and other facilities.
The four members of the H8/3024 Group are the H8/3024F-ZTAT, H8/3026F-ZTAT, H8/3024
(mask ROM version), and H8/3026 (mask ROM version).
Seven MCU operating modes offer a choice of bus width and address space size. The modes
(modes 1 to 7) include two single-chip modes and five expanded modes.
In addition to its mask ROM versions, the H8/3024 Group has F-ZTAT™* versions with on-chip
flash memory that allows programs to be freely rewritten by the user. This version enables users to
respond quickly and flexibly to changing application specifications, growing production volumes,
and other conditions.
Table 1.1 summarizes the features of the H8/3024 Group.
Note: * F-ZTAT
TM (Flexible ZTAT) is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com