Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7046 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7046
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7046 Series
PDF  611 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7046 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7046 Datasheet HTML 9Page - Renesas Technology Corp SH7046 Datasheet HTML 10Page - Renesas Technology Corp SH7046 Datasheet HTML 11Page - Renesas Technology Corp SH7046 Datasheet HTML 12Page - Renesas Technology Corp SH7046 Datasheet HTML 13Page - Renesas Technology Corp SH7046 Datasheet HTML 14Page - Renesas Technology Corp SH7046 Datasheet HTML 15Page - Renesas Technology Corp SH7046 Datasheet HTML 16Page - Renesas Technology Corp SH7046 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 611 page
background image
Rev. 4.00 Dec 05, 2005 page xiii of xliv
Item
Page
Revision (See Manual for Details)
12.6.1 Clock
357
Description amended
Eight serial clock pulses are output in the transfer of one
character, and when no transfer is performed, the clock is fixed
high. Only in reception, the serial clock is continued generating
until an overrun error is occurred or the RE bit is cleared to 0.
To execute reception in one-character units, select an external
clock as a clock source.
12.6.2 SCI
initialization (Clocked
Synchronous mode)
Figure 12.15 Sample
SCI Initialization
Flowchart
358
Figure amended
<Transfer start>
Set PFC of the external pin used
SCK, TxD, RxD
[4]
[5]
Set RIE, TIE, and TEIE bits
Set TE and RE bits in SCR to 1
13.3.2 A/D
Control/Status
Registers 0 to 2
(ADCSR_0 to
ADCSR_2)
373
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
7
ADF
0
R/(W)*
[Clearing conditions]
• When 0 is written after reading ADF = 1
• When the DTC is activated by an ADI interrupt and
ADDR is read with the DISEL bit in DTMR of DTC = 0
5
4
ADM1
ADM0
0
0
R/W
R/W
10: Setting prohibited
11: Setting prohibited
When changing the operating mode, first clear the ADST
bit in the A/D control registers (ADCRs) to 0.
13.3.3 A/D Control
Registers_0 to 2
(ADCR_0 to ADCR_2)
375
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
4
ADST
0
R/W
... In continuous scan mode, A/D conversion is
continuously performed for the selected channels in
sequence until this bit is cleared by a software, reset, or
in software standby mode or module standby mode.
14.2.2 Compare
Match Timer
Control/Status
Register_0 and
1(CMCSR_0,
CMCSR_1)
389
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
7
CMF
0
R/(W)*
Compare Match Flag
This flag indicates whether or not the CMCNT and
CMCOR values have matched.
0: CMCNT and CMCOR values have not matched
1: CMCNT and CMCOR values have matched
[Clearing conditions]
•
Write 0 to CMF after reading 1 from it
•
When the DTC is activated by an CMI interrupt and
data is transferred with the DISEL bit in DTMR of
DTC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com