Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21182SP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F21182SP
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21182SP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F21182SP Datasheet HTML 69Page - Renesas Technology Corp R5F21182SP Datasheet HTML 70Page - Renesas Technology Corp R5F21182SP Datasheet HTML 71Page - Renesas Technology Corp R5F21182SP Datasheet HTML 72Page - Renesas Technology Corp R5F21182SP Datasheet HTML 73Page - Renesas Technology Corp R5F21182SP Datasheet HTML 74Page - Renesas Technology Corp R5F21182SP Datasheet HTML 75Page - Renesas Technology Corp R5F21182SP Datasheet HTML 76Page - Renesas Technology Corp R5F21182SP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 58 of 233
REJ09B0222-0130
Figure 10.5
HRA0 Register
High-Speed On-Chip Oscillator Control Register 0
(1)
Symbol
Address
After Reset
HRA0
0020h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
b7 b6 b5 b4 b3 b2 b1 b0
0000 00
HRA00
RW
HRA01
RW
High-speed on-chip oscillator enable
bit
0 : High-speed on-chip oscillator off
1 : High-speed on-chip oscillator on
High-speed on-chip oscillator select
bit(2)
0 : Selects low -speed on-chip oscillator.(3)
1 : Selects high-speed on-chip oscillator.
Change the HRA01 bit under the follow ing conditions.
• HRA00 = 1 (high-speed on-chip oscillation)
• The CM14 bit in the CM1 register = 0 (low -speed on-chip oscillator on)
When setting the HRA01 bit to 0 (low -speed on-chip oscillator selected), do not set the HRA00 bit to 0 (high-speed
on-chip oscillator off) at the same time.
Set the HRA00 bit to 0 after setting the HRA01 bit to 0.
—
(b7-b2)
Reserved bits
Set to 0.
RW
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the HRA0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com