Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7016 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 51Page - Renesas Technology Corp SH7016 Datasheet HTML 52Page - Renesas Technology Corp SH7016 Datasheet HTML 53Page - Renesas Technology Corp SH7016 Datasheet HTML 54Page - Renesas Technology Corp SH7016 Datasheet HTML 55Page - Renesas Technology Corp SH7016 Datasheet HTML 56Page - Renesas Technology Corp SH7016 Datasheet HTML 57Page - Renesas Technology Corp SH7016 Datasheet HTML 58Page - Renesas Technology Corp SH7016 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 21 of 716
REJ09B0398-0500
2.1.3
System Registers
System registers consist of four 32-bit registers: high and low multiply and accumulate registers
(MACH and MACL), the procedure register (PR), and the program counter (PC). The multiply
and accumulate registers store the results of multiply and accumulate operations. The procedure
register stores the return address from the subroutine procedure. The program counter stores
program addresses to control the flow of the processing. Figure 2.3 shows a system register.
MACL
PR
PC
MACH
31
0
0
0
31
31
Multiply and accumulate (MAC)
registers high and low (MACH,
MACL): Stores the results of
multiply and accumulate operations.
Procedure register (PR): Stores
a return address from a
subroutine procedure.
Program counter (PC): Indicates
the fourth byte (second instruction)
after the current instruction.
Figure 2.3 System Registers
2.1.4
Initial Values of Registers
Table 2.1 lists the values of the registers after reset.
Table 2.1
Initial Values of Registers
Classification
Register
Initial Value
General registers
R0 to R14
Undefined
R15 (SP)
Value of the stack pointer in the vector address table
Control registers
SR
Bits I3 to I0 are 1111 (H'F), reserved bits are 0, and
other bits are undefined
GBR
Undefined
VBR
H'00000000
System registers
MACH, MACL, PR
Undefined
PC
Value of the program counter in the vector address table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com